Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO213P Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO213P
Description  Two-Port Isolated, Low Profile ISOLATED INSTRUMENTATION AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO213P Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ISO213P Datasheet HTML 1Page - Burr-Brown (TI) ISO213P Datasheet HTML 2Page - Burr-Brown (TI) ISO213P Datasheet HTML 3Page - Burr-Brown (TI) ISO213P Datasheet HTML 4Page - Burr-Brown (TI) ISO213P Datasheet HTML 5Page - Burr-Brown (TI) ISO213P Datasheet HTML 6Page - Burr-Brown (TI) ISO213P Datasheet HTML 7Page - Burr-Brown (TI) ISO213P Datasheet HTML 8Page - Burr-Brown (TI) ISO213P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
®
ISO213
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE
Output Voltage (V)
–7.5
–5
0
2.5
7.5
–2.5
15
10
5
0
–5
–10
–15
5
All
Gains
All
Gains
G = 0.5
G = 0.5
G
≥ 5
G
≥ 5
VD/2
+
+
V
CM
V
OUT
VD/2
ISO213P
INPUT BIAS CURRENT
vs INPUT OVERLOAD VOLTAGE
10
8
6
4
2
0
–2
–4
–6
–8
–10
Overload Voltage (V)
–40
0
40
G = 0.5
G = 500
G = 0.5
G = 500
0.4
0.3
0.2
0.1
0
30
40
60
80
100
GAIN ERROR vs CLOCK RATE
Clock (kHz)
NON-LINEARITY vs CLOCK RATE
20
40
60
80
100
Clock (kHz)
30
20
10
0
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VCC = +15V, unless otherwise noted.


Similar Part No. - ISO213P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO212 BURR-BROWN-ISO212 Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
logo
Rosenberger Hochfrequen...
ISO21207 ROSENBERGER-ISO21207 Datasheet
420Kb / 2P
   Adaptor 4.3-10 plug ??7/16 jack
ISO21207 ROSENBERGER-ISO21207 Datasheet
275Kb / 2P
   Straight Plug
logo
Burr-Brown (TI)
ISO212JP BURR-BROWN-ISO212JP Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
ISO212JP-15 BURR-BROWN-ISO212JP-15 Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
More results

Similar Description - ISO213P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO255 BURR-BROWN-ISO255 Datasheet
101Kb / 9P
   Precision, Powered, Three-Port Isolated INSTRUMENTATION AMPLIFIER
ISO175 BURR-BROWN-ISO175 Datasheet
160Kb / 8P
   Precision, Isolated INSTRUMENTATION AMPLIFIER
ISO212 BURR-BROWN-ISO212 Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
logo
CUI INC
SJ2-3512D-SMT-TR CUI-SJ2-3512D-SMT-TR Datasheet
429Kb / 4P
   two switches; one isolated, one non-isolated
logo
Guangzhou Reicu Electro...
RS3485PCHT-H REICU-RS3485PCHT-H Datasheet
3Mb / 1P
   Isolated two-way communication
REV:18.2
logo
Burr-Brown (TI)
ISO253 BURR-BROWN-ISO253 Datasheet
123Kb / 9P
   Precision, Powered, Three-Port Isolated BUFFER AMPLIFIER
ISO256 BURR-BROWN-ISO256 Datasheet
130Kb / 9P
   Precision, Powered, Three-Port Isolated OPERATIONAL AMPLIFIER
logo
Murata Power Solutions ...
UVQ MURATA-PS-UVQ Datasheet
2Mb / 25P
   Low Profile, Isolated Quarter Brick
logo
Analog Devices
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Burr-Brown (TI)
ISO254 BURR-BROWN-ISO254 Datasheet
172Kb / 9P
   Precision, Powered, Three-Port Isolated PROGRAMMABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com