Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4.0SMDJ6.5CA Datasheet(PDF) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # 4.0SMDJ6.5CA
Description  Low profile package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

4.0SMDJ6.5CA Datasheet(HTML) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

  4.0SMDJ6.5CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd 4.0SMDJ6.5CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd 4.0SMDJ6.5CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd 4.0SMDJ6.5CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd 4.0SMDJ6.5CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4.0SMDJ Series
Rev. 2.0, 10-Nov.-16
WWW.SEMITECH.CN
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
4.0SMDJ78A
4.0SMDJ78CA
HGT
IGT
78.0
86.70
95.80
1
126.0
40.5
2
4.0SMDJ85A
4.0SMDJ85CA
HGV
IGV
85.0
94.40
104.00
1
137.0
37.2
2
4.0SMDJ90A
4.0SMDJ90CA
HGX
IGX
90.0
100.00
111.00
1
146.0
34.9
2
4.0SMDJ100A 4.0SMDJ100CA
HGZ
IGZ
100.0
111.00
123.00
1
162.0
31.5
2
4.0SMDJ110A 4.0SMDJ110CA
HHE
IHE
110.0
122.00
135.00
1
177.0
28.8
2
4.0SMDJ120A 4.0SMDJ120CA
HHG
IHG
120.0
133.00
147.00
1
193.0
26.4
2
4.0SMDJ130A 4.0SMDJ130CA
HHK
IHK
130.0
144.00
159.00
1
209.0
24.4
2
4.0SMDJ150A 4.0SMDJ150CA
HHM
IHM
150.0
167.00
185.00
1
243.0
21.0
2
4.0SMDJ160A 4.0SMDJ160CA
HHP
IHP
160.0
178.00
197.00
1
259.0
19.7
2
4.0SMDJ170A 4.0SMDJ170CA
HHR
IHR
170.0
189.00
209.00
1
275.0
18.5
2
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double.
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.
I-V Curve Characteristics
PPPM
Peak Pulse Power Dissipation - Max power dissipation
VRWM Reverse Stand-off Voltage - Maximum voltage that can be applied to TVS without operation
VBR
Breakdown Voltage – Maximum voltage that flows though the TVS at a specified current (IT)
VC
Clamping Voltage – Peak voltage measured across the TVS at a specified IPPM (peak impulse current)
IR
Reverse Leakage Current – Current measured at VR
VF
Forward Voltage Drop for Uni-directional
Bi-directional
Uni-directional


Similar Part No. - 4.0SMDJ6.5CA

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
4.0SMDJ6.5CA YFWDIODE-4.0SMDJ6.5CA Datasheet
668Kb / 5P
   Surface Mount Transient Voltage Suppressor Power 4000Watts
More results

Similar Description - 4.0SMDJ6.5CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
10KP SEMITECH-10KP Datasheet
483Kb / 4P
   Low profile package
SMCJ440CA SEMITECH-SMCJ440CA Datasheet
245Kb / 6P
   Low profile package
MMF SEMITECH-MMF Datasheet
497Kb / 5P
   Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
   Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
   Low profile package
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
SMAJ SEMITECH-SMAJ Datasheet
495Kb / 5P
   Low profile package
5KP SEMITECH-5KP Datasheet
508Kb / 4P
   Low profile package
SMBJ SEMITECH-SMBJ Datasheet
492Kb / 5P
   Low profile package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com