Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO213 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO213
Description  Two-Port Isolated, Low Profile ISOLATED INSTRUMENTATION AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO213 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ISO213 Datasheet HTML 5Page - Burr-Brown (TI) ISO213 Datasheet HTML 6Page - Burr-Brown (TI) ISO213 Datasheet HTML 7Page - Burr-Brown (TI) ISO213 Datasheet HTML 8Page - Burr-Brown (TI) ISO213 Datasheet HTML 9Page - Burr-Brown (TI) ISO213 Datasheet HTML 10Page - Burr-Brown (TI) ISO213 Datasheet HTML 11Page - Burr-Brown (TI) ISO213 Datasheet HTML 12Page - Burr-Brown (TI) ISO213 Datasheet HTML 13Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
®
ISO213
number of ISO213s. See Figure 6, 7, and 8 for connections
in multiple ISO213 installations.
FIGURE 5. Equivalent Circuit, Clock Input/Output. Inverters
are CMOS.
0V +15V Sync
+V
Clk Out
Clk In
Com 2
CC
ISO213P/Slave
+V
Clk Out
Clk In
Com 2
CC
ISO213P/Slave
+V
Clk Out
Clk In
Com 2
CC
ISO213P/Master
FIGURE 7. Isolating the Clk Out Node.
FIGURE 6. Oscillator Connections for Synchronous Opera-
tion in Multiple ISO213P Installations.
NOISE
Output noise is generated by residual components of the
25kHz carrier that have not been removed from the signal.
This noise may be reduced by adding an output low-pass
filter (see Figure 9). The filter time constant should be set
below the carrier frequency. The output from ISO213 is a
switched capacitor and requires a high impedance load to
prevent degradation of linearity. Loads of less than 1M
will cause an increase in noise at the carrier frequency and
will appear as ripple in the output waveform. Since the
output signal power is generated from the input side of the
barrier, decoupling of the
±V
SS outputs will improve the
signal to noise ratio.
SYNCHRONIZATION
OF THE INTERNAL OSCILLATOR
ISO213 has an internal oscillator and associated timing
components, which can be synchronized. This alleviates the
requirement for an external high-power clock driver. The
typical frequency of oscillation is 50kHz. The internal clock
will start when power is applied to ISO213 and Clk In is not
connected.
Because the oscillator frequency of each ISO213 can be
marginally different, “beat” frequencies ranging from a few
Hz to a few kHz can exist in multiple amplifier applications.
The design of ISO213 accommodates “internal synchro-
nous” noise, but a synchronous beat frequency noise will not
be strongly attenuated, especially at very low frequencies if
it is introduced via the power, signal, or potential grounding
paths. To overcome this problem in systems where several
ISO213s are used, the design allows synchronization of each
oscillator in a system to one frequency. Do this by forcing
the timing node on the internal oscillator with an external
driver connected to Clk In (Figure 5). The driver may be an
external component with Series 4000 CMOS characteristics,
or one ISO213 in the system can be used as the master clock
for the system. An alternative where a specific frequency is
not required is to lock all ISO213s together by joining all
Clk Ins. This method can be used to lock an unlimited
FIGURE 4. Recommended Decoupling and Power Distribu-
tion.
Clamp
Diodes
Clock
In
+V
CC
Com 2
220pF
39k
Clock
Out
Power In
Track Resistance/Inductance
Ground Plane
100µF
10µF
0.1µF
0.1µF
0.1µF
0.1µF
10µF
10µF
Clk Out
Clk In
Clk In
Clk In
Clk In
R
S
22k
22k
22k
22k
22k
Clk Out
Clk In
Clk In
Clk In
Clk In


Similar Part No. - ISO213

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO212 BURR-BROWN-ISO212 Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
logo
Rosenberger Hochfrequen...
ISO21207 ROSENBERGER-ISO21207 Datasheet
420Kb / 2P
   Adaptor 4.3-10 plug ??7/16 jack
ISO21207 ROSENBERGER-ISO21207 Datasheet
275Kb / 2P
   Straight Plug
logo
Burr-Brown (TI)
ISO212JP BURR-BROWN-ISO212JP Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
ISO212JP-15 BURR-BROWN-ISO212JP-15 Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
More results

Similar Description - ISO213

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO255 BURR-BROWN-ISO255 Datasheet
101Kb / 9P
   Precision, Powered, Three-Port Isolated INSTRUMENTATION AMPLIFIER
ISO175 BURR-BROWN-ISO175 Datasheet
160Kb / 8P
   Precision, Isolated INSTRUMENTATION AMPLIFIER
ISO212 BURR-BROWN-ISO212 Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
logo
CUI INC
SJ2-3512D-SMT-TR CUI-SJ2-3512D-SMT-TR Datasheet
429Kb / 4P
   two switches; one isolated, one non-isolated
logo
Guangzhou Reicu Electro...
RS3485PCHT-H REICU-RS3485PCHT-H Datasheet
3Mb / 1P
   Isolated two-way communication
REV:18.2
logo
Burr-Brown (TI)
ISO253 BURR-BROWN-ISO253 Datasheet
123Kb / 9P
   Precision, Powered, Three-Port Isolated BUFFER AMPLIFIER
ISO256 BURR-BROWN-ISO256 Datasheet
130Kb / 9P
   Precision, Powered, Three-Port Isolated OPERATIONAL AMPLIFIER
logo
Murata Power Solutions ...
UVQ MURATA-PS-UVQ Datasheet
2Mb / 25P
   Low Profile, Isolated Quarter Brick
logo
Analog Devices
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Burr-Brown (TI)
ISO254 BURR-BROWN-ISO254 Datasheet
172Kb / 9P
   Precision, Powered, Three-Port Isolated PROGRAMMABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com