Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RUL035N02FRA Datasheet(PDF) 11 Page - Rohm

Part # RUL035N02FRA
Description  Nch 20V 3.5A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RUL035N02FRA Datasheet(HTML) 11 Page - Rohm

Back Button RUL035N02FRA Datasheet HTML 6Page - Rohm RUL035N02FRA Datasheet HTML 7Page - Rohm RUL035N02FRA Datasheet HTML 8Page - Rohm RUL035N02FRA Datasheet HTML 9Page - Rohm RUL035N02FRA Datasheet HTML 10Page - Rohm RUL035N02FRA Datasheet HTML 11Page - Rohm RUL035N02FRA Datasheet HTML 12Page - Rohm RUL035N02FRA Datasheet HTML 13Page - Rohm RUL035N02FRA Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
RUL035N02
zDimensions (Unit : mm)
Dimension in mm/inches
TUMT6
Patterm of terminal position areas
11/11
2013.02 - Rev.B
FRA
2016.06 - Rev.B


Similar Part No. - RUL035N02FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RUL035N02 ROHM-RUL035N02 Datasheet
107Kb / 5P
   1.5V Drive Nch MOSFET
RUL035N02TR ROHM-RUL035N02TR Datasheet
727Kb / 12P
   Low on - resistance.
More results

Similar Description - RUL035N02FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ5E035BN ROHM-RQ5E035BN Datasheet
1Mb / 12P
   Nch 30V 3.5A Power MOSFET
RQ5C035BC ROHM-RQ5C035BC Datasheet
2Mb / 13P
   Pch -20V -3.5A Middle Power MOSFET
RQ5E035XN ROHM-RQ5E035XN Datasheet
1Mb / 14P
   Nch 30V 3.5A Middle Power MOSFET
20190527 - Rev.002
RV2C010UN ROHM-RV2C010UN Datasheet
2Mb / 14P
   Nch 20V 1A Power MOSFET
RUF025N02TL ROHM-RUF025N02TL Datasheet
723Kb / 12P
   Nch 20V 2.5A Power MOSFET
RSQ035N06FRA ROHM-RSQ035N06FRA Datasheet
2Mb / 14P
   Nch 60V 3.5A Small Signal MOSFET
RQ5L035GN ROHM-RQ5L035GN Datasheet
2Mb / 14P
   Nch 60V 3.5A Small Signal MOSFET
RUS100N02 ROHM-RUS100N02 Datasheet
2Mb / 12P
   Nch 20V 10A Middle Power MOSFET
UT6MA3 ROHM-UT6MA3 Datasheet
4Mb / 23P
   20V NchPch Middle Power MOSFET
PXL035N03 ROHM-PXL035N03 Datasheet
2Mb / 14P
   Nch 30V 3.5A Small Signal MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com