Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTQ025P02FRA Datasheet(PDF) 3 Page - Rohm

Part # RTQ025P02FRA
Description  2.5V Drive Pch MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTQ025P02FRA Datasheet(HTML) 3 Page - Rohm

  RTQ025P02FRA Datasheet HTML 1Page - Rohm RTQ025P02FRA Datasheet HTML 2Page - Rohm RTQ025P02FRA Datasheet HTML 3Page - Rohm RTQ025P02FRA Datasheet HTML 4Page - Rohm RTQ025P02FRA Datasheet HTML 5Page - Rohm RTQ025P02FRA Datasheet HTML 6Page - Rohm RTQ025P02FRA Datasheet HTML 7Page - Rohm RTQ025P02FRA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RTQ025P02
Transistor
Rev.A
3/4
Electrical characteristic curves
Fig.1 Typical Transfer Characteristics
0
0.5
1.0
0.001
0.1
1
0.01
10
1.5
Gate−Source Voltage : −VGS[V]
2.0
2.5
3.0
3.5
4.0
Ta=125°C
75°C
25°C
−25°C
VDS=−10V
pulsed
Fig.2 Static Drain−Source On−State
Resistance
0.1
1
10
100
1000
10
Drain Current : −ID[A]
−4.0V
−4.5V
VGS=−4V
vs.Drain Current
Ta=25 C
pulsed
Fig.3 Static Drain−Source On−State
Resistance
0.1
1
10
100
1000
10
Drain Current : −ID[A]
vs.Drain Current
Ta=125°C
75°C
25°C
−25°C
VGS=−4.5V
pulsed
Fig.4 Static Drain−Source On−State
Resistance
0.1
1
10
100
1000
10
Drain Current : −ID[A]
Ta=125°C
75°C
25°C
−25°C
vs.Drain−Current
VGS=−4V
pulsed
Fig.5 Static Drain−Source On−State
Resistance
0.1
1
10
100
1000
10
Drain Current : −ID[A]
Ta=125°C
75°C
25°C
−25°C
vs.Drain−Current
VGS=−2.5V
pulsed
0
0.5
1.0
1.5
Source−Drain Voltage : −VSD[V]
Fig.6 Reverse Drain Current vs.
0.01
0.1
10
1
2.0
Ta=125
°C
75
°C
25
°C
-25
°C
Source-Drain Voltage
VGS=0V
pulsed
0.01
0.1
1
10
100
Drain−Source Voltage : −VDS[V]
Fig.7 Typical Capactitance
10
100
10000
1000
vs.Drain−Source Voltage
Ciss
Coss
Crss
Ta=25 C
f=1MHz
VGS=0V
0.01
0.1
1
10
Drain Current : −ID[A]
Fig.8 Switching Characteristics
1
10
1000
100
td(off)
td(on)
tr
tf
Ta=25 C
VDD=−15V
VGS=−4.5V
RG=10Ω
pulsed
Fig.9 Dynamic Input Characteristics
06
0
4
8
3
Total Gate Charge : Qg[nC]
15
24
1
2
3
5
6
7
Ta=25 C
VDD=−15V
ID=−3.5V
RG=10Ω
pulsed
RTQ025P02FRA


Similar Part No. - RTQ025P02FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RTQ025P02 ROHM-RTQ025P02 Datasheet
94Kb / 5P
   DC-DC Converter (-20V, -2.5A)
logo
VBsemi Electronics Co.,...
RTQ025P02 VBSEMI-RTQ025P02 Datasheet
450Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Rohm
RTQ025P02HZG ROHM-RTQ025P02HZG Datasheet
2Mb / 15P
   Pch -20V -2.5A Small Signal MOSFET
More results

Similar Description - RTQ025P02FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
US6J2TR ROHM-US6J2TR Datasheet
89Kb / 5P
   2.5V Drive PchPch MOSFET
RTR030P02FHA ROHM-RTR030P02FHA Datasheet
1Mb / 8P
   2.5V Drive Pch MOSFET
RTF020P02TL ROHM-RTF020P02TL Datasheet
102Kb / 5P
   2.5V Drive Pch MOSFET
RTQ035P02FHA ROHM-RTQ035P02FHA Datasheet
1Mb / 8P
   2.5V Drive Pch MOSFET
RTL020P02FRA ROHM-RTL020P02FRA Datasheet
1Mb / 8P
   2.5V Drive Pch MOSFET
RTU002P02 ROHM-RTU002P02 Datasheet
65Kb / 3P
   2.5V Drive Pch MOSFET
RTR020P02FRA ROHM-RTR020P02FRA Datasheet
1Mb / 8P
   2.5V Drive Pch MOSFET
QS6M4TR ROHM-QS6M4TR Datasheet
85Kb / 6P
   2.5V Drive Nch Pch MOSFET
QS6M3TR ROHM-QS6M3TR Datasheet
95Kb / 8P
   2.5V Drive NchPch MOSFET
US6M2 ROHM-US6M2_07 Datasheet
74Kb / 4P
   2.5V Drive NchPch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com