Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTF025N03FRA Datasheet(PDF) 2 Page - Rohm

Part # RTF025N03FRA
Description  2.5V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTF025N03FRA Datasheet(HTML) 2 Page - Rohm

  RTF025N03FRA Datasheet HTML 1Page - Rohm RTF025N03FRA Datasheet HTML 2Page - Rohm RTF025N03FRA Datasheet HTML 3Page - Rohm RTF025N03FRA Datasheet HTML 4Page - Rohm RTF025N03FRA Datasheet HTML 5Page - Rohm RTF025N03FRA Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RTF025N03
Transistors
Rev.A
2/2
Electrical characteristics (Ta=25°C)
Parameter
Symbol
IGSS
Yfs
Min.
Typ. Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗Pulsed
10
µAVGS=12V, VDS=0V
VDD 15V
30
−−
VID= 1mA, VGS=0V
1
µAVDS= 30V, VGS=0V
0.5
1.5
V
VDS= 10V, ID= 1mA
48
67
ID= 2.5A, VGS= 4.5V
50
70
mΩ
mΩ
mΩ
ID= 2.5A, VGS= 4V
70
98
ID= 2.5A, VGS= 2.5V
2
−−
SVDS= 10V, ID= 2.5A
270
pF
VDS= 10V
70
40
pF
VGS=0V
8
pF
f=1MHz
15
ns
27
ns
11
ns
3.7
ns
0.7
5.2
nC
1.2
nC
VGS= 4.5V
−−
nC
ID= 2.5A
VDD 15V
ID= 1.25A
VGS= 4.5V
RL=12Ω
RG=10Ω
Body diode characteristics (Source-drain) (Ta=25°C)
VSD
−−
1.2
V
IS= 0.6A, VGS=0V
Forward voltage
Parameter
Symbol Min.
Typ. Max.
Unit
Conditions
RTF025N03FRA


Similar Part No. - RTF025N03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RTF025N03 ROHM-RTF025N03 Datasheet
86Kb / 3P
   2.5V Drive Nch MOS FET
RTF025N03 ROHM-RTF025N03 Datasheet
88Kb / 3P
   2.5V Drive Nch MOSFET
RTF025N03 ROHM-RTF025N03 Datasheet
82Kb / 3P
   2.5V Drive Nch MOSFET
logo
VBsemi Electronics Co.,...
RTF025N03 VBSEMI-RTF025N03 Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
logo
Rohm
RTF025N03TL ROHM-RTF025N03TL Datasheet
82Kb / 3P
   2.5V Drive Nch MOSFET
More results

Similar Description - RTF025N03FRA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UM6K31N TI-UM6K31N Datasheet
205Kb / 6P
[Old version datasheet]   2.5V Drive Nch Nch MOSFET
logo
Rohm
EM6K31_1009 ROHM-EM6K31_1009 Datasheet
195Kb / 6P
   2.5V Drive Nch Nch MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31 ROHM-EM6K31 Datasheet
191Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2_0610 ROHM-QS5K2_0610 Datasheet
67Kb / 4P
   2.5V Drive NchNch MOSFET
US6K1TR ROHM-US6K1TR Datasheet
129Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31T2R ROHM-EM6K31T2R Datasheet
152Kb / 6P
   2.5V Drive Nch Nch MOSFET
UM6K31N ROHM-UM6K31N Datasheet
205Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2TR ROHM-QS5K2TR Datasheet
61Kb / 4P
   2.5V Drive Nch Nch MOSFET
RTR030N05 ROHM-RTR030N05 Datasheet
222Kb / 5P
   2.5V Drive Nch MOSFET
RTL035N03 ROHM-RTL035N03 Datasheet
66Kb / 3P
   2.5V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com