Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSS130N03FRA Datasheet(PDF) 7 Page - Rohm

Part # RSS130N03FRA
Description  Nch 30V 13A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSS130N03FRA Datasheet(HTML) 7 Page - Rohm

Back Button RSS130N03FRA Datasheet HTML 3Page - Rohm RSS130N03FRA Datasheet HTML 4Page - Rohm RSS130N03FRA Datasheet HTML 5Page - Rohm RSS130N03FRA Datasheet HTML 6Page - Rohm RSS130N03FRA Datasheet HTML 7Page - Rohm RSS130N03FRA Datasheet HTML 8Page - Rohm RSS130N03FRA Datasheet HTML 9Page - Rohm RSS130N03FRA Datasheet HTML 10Page - Rohm RSS130N03FRA Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RSS130N03FRA
           
               
Datasheet
l
lElectrical characteristic curves
Fig.11 Drain Current Derating Curve
Fig.12 Static Drain - Source On - State
   Resistance vs. Gate Source Voltage
Fig.13 Static Drain - Source On - State
   Resistance vs. Junction Temperature
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
7/11
20160831 - Rev.001


Similar Part No. - RSS130N03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS130N03 ROHM-RSS130N03 Datasheet
60Kb / 4P
   Switching (30V, 13A)
RSS130N03HZG ROHM-RSS130N03HZG Datasheet
2Mb / 14P
   Nch 30V 13A Power MOSFET
More results

Similar Description - RSS130N03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ3E130MN ROHM-RQ3E130MN Datasheet
622Kb / 11P
   Nch 30V 13A Power MOSFET
RSS130N03HZG ROHM-RSS130N03HZG Datasheet
2Mb / 14P
   Nch 30V 13A Power MOSFET
RQ3E130BN ROHM-RQ3E130BN Datasheet
2Mb / 12P
   Nch 30V 13A Middle Power MOSFET
RS3E130AT ROHM-RS3E130AT Datasheet
2Mb / 15P
   Pch -30V -13A Power MOSFET
SH8KA4 ROHM-SH8KA4 Datasheet
2Mb / 15P
   30V NchNch Power MOSFET
HS8K11 ROHM-HS8K11 Datasheet
3Mb / 19P
   30V NchNch Power MOSFET
QH8KA1 ROHM-QH8KA1 Datasheet
2Mb / 12P
   30V NchNch Power MOSFET
HP8KA1 ROHM-HP8KA1 Datasheet
2Mb / 14P
   30V NchNch Power MOSFET
SP8K2HZG ROHM-SP8K2HZG Datasheet
2Mb / 14P
   30V NchNch Power MOSFET
logo
Unisonic Technologies
UPC8026 UTC-UPC8026 Datasheet
154Kb / 4P
   30V, 13A N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com