Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AK1222 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK1222
Description  900Mhz low Power Mixer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1222 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK1222_17 Datasheet HTML 1Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 2Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 3Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 4Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 5Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 6Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 7Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
[AK1222]
MS1314-E-02
2014/10
- 2 -
4. Table of Contents
1.
Overview___________________________________________________________________________ 1
2.
Features ___________________________________________________________________________ 1
3.
Applications ________________________________________________________________________ 1
4.
Table of Contents ____________________________________________________________________ 2
5.
Block Diagram ______________________________________________________________________ 3
6.
System Diagram _____________________________________________________________________ 4
7.
Pin Functional Description _____________________________________________________________ 5
8.
Absolute Maximum Ratings ____________________________________________________________ 7
9.
Recommended Operating Range ________________________________________________________ 7
10.
Electrical Characteristics_______________________________________________________________ 8
11.
Typical Performance __________________________________________________________________ 9
12.
Typical Evaluation Board Schematic_____________________________________________________ 16
13.
IC Interface Schematic _______________________________________________________________ 24
14.
Application Information _______________________________________________________________ 25
15.
Outer Dimensions ___________________________________________________________________ 30
16.
Marking ___________________________________________________________________________ 31


Similar Part No. - AK1222_17

ManufacturerPart #DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
   900MHz Low Power Mixer
More results

Similar Description - AK1222_17

ManufacturerPart #DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
   900MHz Low Power Mixer
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
   900MHz Low Noise Mixer
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
   900MHz Low Noise Mixer
RF Micro Devices
RF Micro Devices
RF2495 RFMD-RF2495 Datasheet
1Mb / 6P
   900MHZ 3V LOW CURRENT LNA/MIXER
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
   900MHz High Linearity Mixer
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
   900Mhz High Linearity Mixer
RF Micro Devices
RF Micro Devices
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com