Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AK1224 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part No. AK1224
Description  900MHz Low Noise Mixer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1224 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK1224_17 Datasheet HTML 6Page - Asahi Kasei Microsystems AK1224_17 Datasheet HTML 7Page - Asahi Kasei Microsystems AK1224_17 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1224_17 Datasheet HTML 9Page - Asahi Kasei Microsystems AK1224_17 Datasheet HTML 10Page - Asahi Kasei Microsystems AK1224_17 Datasheet HTML 11Page - Asahi Kasei Microsystems AK1224_17 Datasheet HTML 12Page - Asahi Kasei Microsystems AK1224_17 Datasheet HTML 13Page - Asahi Kasei Microsystems AK1224_17 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
[AK1224]
MS1413-E-02
10
2014/10
4.
RF input frequency vs. IIP3, NF, Gain
8
10
12
14
16
18
20
22
100
200
300
400
500
600
700
800
900
RF [MHz]
6
7
8
9
10
11
100
200
300
400
500
600
700
800
900
RF [MHz]
-4
-2
0
2
4
6
8
10
12
100
200
300
400
500
600
700
800
900
RF [MHz]
-4
-2
0
2
4
6
8
100
200
300
400
500
600
700
800
900
RF [MHz]
Figure 6. RF input frequency vs. IIP3, NF, Gain
Resistance for current adjustment
22kohm
27kohm
100kohm


Similar Part No. - AK1224_17

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
   900MHz Low Noise Mixer
More results

Similar Description - AK1224_17

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
   900MHz Low Noise Mixer
RF Micro Devices
RF Micro Devices
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
Maxim Integrated Products
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685 Datasheet
188Kb / 10P
   Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
19-1493; Rev 0; 7/99
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK1222 AKM-AK1222_17 Datasheet
1,014Kb / 33P
   900Mhz low Power Mixer
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
   900MHz Low Power Mixer
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com