Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AK1224 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part No. AK1224
Description  900MHz Low Noise Mixer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1224 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK1224_17 Datasheet HTML 1Page - Asahi Kasei Microsystems AK1224_17 Datasheet HTML 2Page - Asahi Kasei Microsystems AK1224_17 Datasheet HTML 3Page - Asahi Kasei Microsystems AK1224_17 Datasheet HTML 4Page - Asahi Kasei Microsystems AK1224_17 Datasheet HTML 5Page - Asahi Kasei Microsystems AK1224_17 Datasheet HTML 6Page - Asahi Kasei Microsystems AK1224_17 Datasheet HTML 7Page - Asahi Kasei Microsystems AK1224_17 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1224_17 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
[AK1224]
MS1413-E-02
5
2014/10
7.
Absolute Maximum Ratings
Table 2 Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Remarks
Supply Voltage
VDD
-0.3
5.5
V
RF Input Power
RFPOW
12
dBm
LO Input Power
LOPOW
12
dBm
Storage Temperature
Tstg
-55
125
C
Exceeding these maximum ratings may result in damage to the AK1224. Normal operation is not guaranteed at
these extremes.
1. Recommended Operating Range
Table 3 Recommended Operating Range
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remarks
Operating
Temperature
Ta
-40
85
C
Supply Voltage
VDD
4.75
5
5.25
V
The specifications are applicable within the recommended operating range (supply voltage/operating temperature).


Similar Part No. - AK1224_17

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
   900MHz Low Noise Mixer
More results

Similar Description - AK1224_17

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
   900MHz Low Noise Mixer
RF Micro Devices
RF Micro Devices
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
Maxim Integrated Products
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685 Datasheet
188Kb / 10P
   Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
19-1493; Rev 0; 7/99
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK1222 AKM-AK1222_17 Datasheet
1,014Kb / 33P
   900Mhz low Power Mixer
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
   900MHz Low Power Mixer
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com