Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLI3705N Datasheet(PDF) 2 Page - International Rectifier

Part # IRLI3705N
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLI3705N Datasheet(HTML) 2 Page - International Rectifier

  IRLI3705N Datasheet HTML 1Page - International Rectifier IRLI3705N Datasheet HTML 2Page - International Rectifier IRLI3705N Datasheet HTML 3Page - International Rectifier IRLI3705N Datasheet HTML 4Page - International Rectifier IRLI3705N Datasheet HTML 5Page - International Rectifier IRLI3705N Datasheet HTML 6Page - International Rectifier IRLI3705N Datasheet HTML 7Page - International Rectifier IRLI3705N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRLI3705N
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.056 –––
V/°C
Reference to 25°C, ID = 1mA
†
–––
––– 0.010
VGS = 10V, ID = 28A
„
–––
––– 0.012
VGS = 5.0V, ID = 28A
„
–––
––– 0.018
VGS = 4.0V, ID = 24A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
50
–––
–––
S
VDS = 25V, ID = 46A
†
–––
–––
25
µA
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -16V
Qg
Total Gate Charge
–––
–––
98
ID = 46A
Qgs
Gate-to-Source Charge
–––
–––
19
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
49
VGS = 5.0V, See Fig. 6 and 13
„†
td(on)
Turn-On Delay Time
–––
12
–––
VDD = 28V
tr
Rise Time
–––
140
–––
ns
ID = 46A
td(off)
Turn-Off Delay Time
–––
37
–––
RG = 1.8Ω, VGS = 5.0V
tf
Fall Time
–––
78
–––
RD = 0.59
Ω, See Fig. 10 „†
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
3600 –––
VGS = 0V
Coss
Output Capacitance
–––
870
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
320
–––
ƒ = 1.0MHz, See Fig. 5
†
C
Drain to Sink Capacitance
–––
12
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
LD
Internal Drain Inductance
–––
4.5
–––
LS
Internal Source Inductance
–––
7.5
–––
RDS(on)
Static Drain-to-Source On-Resistance
nH
pF
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
†
–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 28A, VGS = 0V
„
trr
Reverse Recovery Time
–––
94
140
ns
TJ = 25°C, IF = 46A
Qrr
Reverse RecoveryCharge
–––
290
440
nC
di/dt = 100A/µs
„†
S
D
G
A
52
310
Source-Drain Ratings and Characteristics
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ V
DD = 25V, starting TJ = 25°C, L = 320µH
RG = 25Ω, IAS = 46A. (See Figure 12)
Notes:
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
† Uses IRL3705N data and test conditions
ƒ ISD ≤ 46A, di/dt ≤ 250A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
… t=60s, ƒ=60Hz


Similar Part No. - IRLI3705N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLI3705N ISC-IRLI3705N Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLI3705NPBF IRF-IRLI3705NPBF Datasheet
1Mb / 9P
   HEXFET짰Power MOSFET
IRLI3705NPBF IRF-IRLI3705NPBF Datasheet
1Mb / 9P
   ADVANCED PROCESS TECHNOLOGY
IRLI3705NPBF IRF-IRLI3705NPBF_15 Datasheet
1Mb / 9P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRLI3705N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com