Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ400A Datasheet(PDF) 6 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SMCJ400A
Description  Low profile package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMCJ400A Datasheet(HTML) 6 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMCJ400A Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ400A Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ400A Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ400A Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ400A Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ400A Datasheet HTML 6Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SMCJ5.0 --- SMCJ440CA
Package Outline Dimensions and Pad Layouts
DO-214AB (SMC)
WWW.SEMITECH.CN
Dim
Millimeters
Inches
Min
Max
Min
Max
A
6.60
7.11
0.260
0.280
B
5.59
6.22
0.220
0.245
C
2.90
3.20
0.114
0.126
D
0.125
0.305
0.006
0.012
E
7.60
8.13
0.299
0.320
F
----
0.203
----
0.008
G
2.06
2.62
0.079
0.103
H
0.76
1.52
0.030
0.060


Similar Part No. - SMCJ400A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMCJ400A LITTELFUSE-SMCJ400A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
Guangdong Juxing Electr...
SMCJ400A JUXING-SMCJ400A Datasheet
983Kb / 4P
   Surface Mount Transient Voltage Suppressor Power 1500W
logo
Socay Electornics Co., ...
SMCJ400A SOCAY-SMCJ400A Datasheet
623Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
DAESAN ELECTRONIC CORP.
SMCJ400A DAESAN-SMCJ400A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Zowie Technology Corpor...
SMCJ400A ZOWIE-SMCJ400A Datasheet
143Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMCJ400A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
   Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
   Low profile package
MMF SEMITECH-MMF Datasheet
497Kb / 5P
   Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
   Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
   Low profile package
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
SMAJ SEMITECH-SMAJ Datasheet
495Kb / 5P
   Low profile package
5KP SEMITECH-5KP Datasheet
508Kb / 4P
   Low profile package
SMBJ SEMITECH-SMBJ Datasheet
492Kb / 5P
   Low profile package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com