Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ350C Datasheet(PDF) 4 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SMAJ350C
Description  Excellent clamping capability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMAJ350C Datasheet(HTML) 4 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMAJ350C Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ350C Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ350C Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ350C Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ350C Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ350C Datasheet HTML 6Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMAJ5.0 --- SMAJ440CA
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMAJ85
SMAJ85A
SMAJ90
SMAJ90A
SMAJ85C
SMAJ85CA
SMAJ90C
SMAJ90CA
RU
RV
RW
RX
WU
WV
WW
WX
85
85
90
90
94.0
94.0
100
100
119.2
108.2
126.5
115.5
1.0
1.0
1.0
1.0
151
137
160
146
2.6
2.9
2.5
2.7
5.0
5.0
5.0
5.0
SMAJ100
SMAJ100A
SMAJ110
SMAJ110A
SMAJ100C
SMAJ100CA
SMAJ110C
SMAJ110CA
RY
RZ
SD
SE
WY
WZ
XD
XE
100
100
110
110
111
111
122
122
141.0
128.0
154.5
140.5
1.0
1.0
1.0
1.0
179
162
196
177
2.2
2.5
2.0
2.3
5.0
5.0
5.0
5.0
SMAJ120
SMAJ120A
SMAJ130
SMAJ130A
SMAJ120C
SMAJ120CA
SMAJ130C
SMAJ130CA
SF
SG
SH
SK
XF
XG
XH
XK
120
120
130
130
133
133
144
144
169.0
153.0
182.5
165.5
1.0
1.0
1.0
1.0
214
193
231
209
1.9
2.1
1.7
1.9
5.0
5.0
5.0
5.0
SMAJ150
SMAJ150A
SMAJ160
SMAJ160A
SMAJ150C
SMAJ150CA
SMAJ160C
SMAJ160CA
SL
SM
SN
SP
XL
XM
XN
XP
150
150
160
160
167
167
178
178
211.5
192.5
226.0
205.0
1.0
1.0
1.0
1.0
268
243
287
259
1.5
1.6
1.4
1.5
5.0
5.0
5.0
5.0
SMAJ170
SMAJ170A
SMAJ180
SMAJ180A
SMAJ170C
SMAJ170CA
SMAJ180C
SMAJ180CA
SQ
SR
SS
ST
XQ
XR
XS
XT
170
170
180
180
189
189
200
200
239.5
217.5
253.8
230.4
1.0
1.0
1.0
1.0
304
275
321
290
1.3
1.5
1.2
1.4
5.0
5.0
5.0
5.0
SMAJ190
SMAJ190A
SMAJ200
SMAJ200A
SMAJ190C
SMAJ190CA
SMAJ200C
SMAJ200CA
SU
SV
SW
SX
XU
XV
XW
XX
190
190
200
200
211
211
222
222
267.9
243.2
282.0
256.0
1.0
1.0
1.0
1.0
339
306
356
322
1.2
1.3
1.1
1.2
5.0
5.0
5.0
5.0
SMAJ210
SMAJ210A
SMAJ220
SMAJ220A
SMAJ210C
SMAJ210CA
SMAJ220C
SMAJ220CA
SY
SZ
ZD
ZE
XY
XZ
YD
YE
210
210
220
220
233
233
244
244
296.1
268.8
310.2
281.6
1.0
1.0
1.0
1.0
375
339
392
355
1.1
1.2
1.0
1.1
5.0
5.0
5.0
5.0
SMAJ250
SMAJ250A
SMAJ300
SMAJ300A
SMAJ250C
SMAJ250CA
SMAJ300C
SMAJ300CA
ZF
ZG
ZH
ZK
YF
YG
YH
YK
250
250
300
300
278
278
333
333
342.5
309.0
411.0
371.0
1.0
1.0
1.0
1.0
447
403
535
484
0.9
1.0
0.7
0.8
5.0
5.0
5.0
5.0
SMAJ350
SMAJ350A
SMAJ400
SMAJ400A
SMAJ350C
SMAJ350CA
SMAJ400C
SMAJ400CA
ZL
ZM
ZN
ZP
YL
YM
YN
YP
350
350
400
400
389
389
444
444
479.5
432.0
548.0
494.0
1.0
1.0
1.0
1.0
624
565
687
645
0.6
0.7
0.6
0.6
5.0
5.0
5.0
5.0
SMAJ440
SMAJ440A
SMAJ440C
SMAJ440CA
ZQ
ZR
YQ
YR
440
440
489
489
602.8
543.0
1.0
1.0
786
710
0.5
0.6
5.0
5.0
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
WW W.SEM ITECH.CN


Similar Part No. - SMAJ350C

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SMAJ350C FORMOSA-SMAJ350C Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
logo
DIYI Electronic Technol...
SMAJ350C DYELEC-SMAJ350C Datasheet
530Kb / 5P
   Excellent clamping capability
logo
Zibo Seno Electronic En...
SMAJ350C ZSELEC-SMAJ350C Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
AiT Semiconductor Inc.
SMAJ350C AITSEMI-SMAJ350C Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
HuaXinAn Electronics CO...
SMAJ350CA HUAXINAN-SMAJ350CA Datasheet
469Kb / 6P
   400W Transient Voltage Suppressors
More results

Similar Description - SMAJ350C

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
   Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com