Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4633EN Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4633EN
Description  16-Bit Mono CODEC with ALC & MIC/SPK-AMP
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4633EN Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4633EN Datasheet HTML 5Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 9Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 10Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 11Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 12Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
[AK4633]
MS0447-E-06
2015/10
- 9 -
RECOMMENDED OPERATING CONDITIONS
(AVSS=DVSS=SVSS=0V; Note 2)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supplies
(Note 7)
Analog
Digital
Speaker-Amp
Difference
AVDD
DVDD
SVDD
DVDD – AVDD
DVDD – SVDD
AVDD – SVDD
2.2
1.6
2.2
-
-
-
3.3
3.3
3.3
-
-
-
3.6
3.6
4.0
0.3
0.3
1.0
V
V
V
V
V
V
Note 2. All voltages with respect to ground.
Note 7. The power up sequence between AVDD, DVDD and SVDD is not critical. It is not permit to power DVDD off
only when AVDD or SVDD is powered up. When the power supplies except DVDD are partially powered OFF, the
AK4633 must be reset by bringing the PDN pin “L” after these power supplies are powered ON again. If AVDD is
powered off when DVDD is powered up, the PMADC bit should be set to “0” before AVDD is powered off.
* AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK4633EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4633VN AKM-AK4633VN Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4633VN AKM-AK4633VN Datasheet
910Kb / 38P
   16bit mono CODEC with MIC/SPK amplifier.
More results

Similar Description - AK4633EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4636 AKM-AK4636 Datasheet
1Mb / 105P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4635 AKM-AK4635 Datasheet
980Kb / 81P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com