Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4633EN Datasheet(PDF) 78 Page - Asahi Kasei Microsystems

Part # AK4633EN
Description  16-Bit Mono CODEC with ALC & MIC/SPK-AMP
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4633EN Datasheet(HTML) 78 Page - Asahi Kasei Microsystems

Back Button AK4633EN Datasheet HTML 74Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 75Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 76Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 77Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 78Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 79Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 80Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 81Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 82Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 83 page
background image
[AK4633]
MS0447-E-06
2015/10
- 78 -
Stop of Clock
Master clock can be stopped when ADC, DAC and programmable filters are not in operation.
1. PLL Master Mode
External MCKI
PMPLL bit
(Addr:01H, D0)
MCKO bit
(Addr:01H, D1)
Input
(3)
(1)
(2)
"H" or "L"
Example:
Audio I/F Format: DSP Mode, BCKP = MSBS =
“0”
BICK frequency at Master Mode : 64fs
Input Master Clock Select at PLL Mode : 11.2896MHz
Sampling Frequency:8kHz
Stop an external MCKI
(1) (2) Addr:01H, Data:08H
Figure 57. Clock Stopping Sequence (1)
<Example>
(1) Power down PLL: PMPLL bit = “1”  “0”
(2) Stop MCKO clock: MCKO bit = “1”  “0”
(3) Stop an external master clock.
2. PLL Slave Mode (FCK or BICK pins)
External BICK
PMPLL bit
(Addr: 01H,D0 )
Input
(1 )
(2 )
External FCK
Input
(2 )
Example
: Audio I/F Format : DSP Mode, BCKP = MSBS = “0”
PLL Reference clock: BICK
BICK frequency: 64fs
Sampling Frequency: 8kHz
(1) Addr:01H, Data:04H
(2) Stop the external clocks
Figure 58. Clock Stopping Sequence (2)
<Example>
(1) Power down PLL: PMPLL bit = “1”  “0”
(2) Stop the external BICK and FCK clocks.


Similar Part No. - AK4633EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4633VN AKM-AK4633VN Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4633VN AKM-AK4633VN Datasheet
910Kb / 38P
   16bit mono CODEC with MIC/SPK amplifier.
More results

Similar Description - AK4633EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4636 AKM-AK4636 Datasheet
1Mb / 105P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4635 AKM-AK4635 Datasheet
980Kb / 81P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com