Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4633EN Datasheet(PDF) 53 Page - Asahi Kasei Microsystems

Part # AK4633EN
Description  16-Bit Mono CODEC with ALC & MIC/SPK-AMP
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4633EN Datasheet(HTML) 53 Page - Asahi Kasei Microsystems

Back Button AK4633EN Datasheet HTML 49Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 50Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 51Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 52Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 53Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 54Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 55Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 56Page - Asahi Kasei Microsystems AK4633EN Datasheet HTML 57Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 83 page
background image
[AK4633]
MS0447-E-06
2015/10
- 53 -
<Control Sequence of Speaker Amp>
Speaker-Amp can be powered-up/down by controlling the PMSPK bit. When the PMSPK bit is “0”, the SPP and SPN pins
are placed in a Hi-Z state.
When the PMSPK bit is “1” and SPPSN bit is “0”, the Speaker-amp enters power-save-mode. In this mode, the SPP pin is
placed in a Hi-Z state and the SPN pin goes to SVDD/2 voltage.
When the PMSPK bit is “1” and the PDN pin is controlled from “L” to “H”, the SPP and SPN pins rise up from
power-save-mode. In this mode, the SPP pin is placed in a Hi-Z state and the SPN pin goes to SVDD/2 voltage. Because
the SPP and SPN pins rise up at power-save-mode, this mode can reduce pop noise. When the AK4633 is powered-down,
pop noise can be also reduced by first entering power-save-mode.
PMSPKbit
SPPSNbit
SPPpin
SPNpin
SVDD/2
SVDD/2
Hi-Z
Hi-Z
Hi-Z
Hi-Z
>t1(Note)
>0
(Note)
SPPSN bit should be set to “1” at more than 1ms after PMSPK bit is set to “1”. When BEEP Input Amp and Speaker Amp
are powered-up at the same time, SPPSN bit should be set to “1” after BEEP Input become stable. When the resistance and
capacitance of BEEP pin are R=20k and C=0.1F, 10ms(=5) is required for BEEP Input to become stable.
Figure 42. Power-up/Power-down Timing for Speaker-Amp


Similar Part No. - AK4633EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4633VN AKM-AK4633VN Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4633VN AKM-AK4633VN Datasheet
910Kb / 38P
   16bit mono CODEC with MIC/SPK amplifier.
More results

Similar Description - AK4633EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4636 AKM-AK4636 Datasheet
1Mb / 105P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4635 AKM-AK4635 Datasheet
980Kb / 81P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com