Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4953AEN Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4953AEN
Description  24bit Stereo CODEC with MIC/HP/SPK-AMP
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4953AEN Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4953AEN Datasheet HTML 2Page - Asahi Kasei Microsystems AK4953AEN Datasheet HTML 3Page - Asahi Kasei Microsystems AK4953AEN Datasheet HTML 4Page - Asahi Kasei Microsystems AK4953AEN Datasheet HTML 5Page - Asahi Kasei Microsystems AK4953AEN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4953AEN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4953AEN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4953AEN Datasheet HTML 9Page - Asahi Kasei Microsystems AK4953AEN Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 99 page
background image
[AK4953A]
MS1252-E-05
2015/10
- 6 -
Handling of Unused Pin
The unused I/O pins must be processed appropriately as below.
Classification
Pin Name
Setting
Analog
MPWR1, MPWR2, SPN, SPP, HPL, HPR, CP, CN,
PVEE, LIN1/DMDAT, RIN1/DMCLK, LIN2, RIN2,
LIN3, RIN3
These pins must be open.
Digital
MCKO
This pin must be open.
MCKI
This pin must be connected to VSS2.
ABSOLUTE MAXIMUM RATINGS
(VSS1=VSS2=VSS3=VSS4=0V; Note 3)
Parameter
Symbol
Min.
Max.
Unit
Power Supplies:
Analog
AVDD
0.3
6.0
V
Digital
DVDD
0.3
2.5
V
Digital I/O
TVDD
0.3
6.0
V
Speaker-Amp
SVDD
0.3
6.0
V
Input Current, Any Pin Except Supplies
IIN
-
10
mA
Analog Input Voltage (Note 5)
VINA
0.3
AVDD+0.3
V
Digital Input Voltage (Note 6)
VIND
0.3
TVDD+0.3
V
Ambient Temperature (powered applied)
Ta
30
85
C
Storage Temperature
Tstg
65
150
C
Maximum Power Dissipation
(Note 7)
Ta = 85C (Note 8)
Pd1
-
660
mW
Ta = 70C (Note 9)
Pd2
-
900
mW
Note 3. All voltages are with respect to ground.
Note 4. VSS1, VSS2, VSS3 and VSS4 must be connected to the same analog ground plane.
Note 5. LIN1, RIN1, LIN2, RIN2, LIN3, RIN3 pins
Note 6. PDN, CSN, CCLK, CDTIO, SDTI, LRCK, BICK and MCKI pins
Pull-up resistors at SDA and SCL pins should be connected to (TVDD+0.3)V or less voltage.
Note 7. In case that PCB wiring density is 100% over. This power is the AK4953A internal dissipation that does not
include power dissipation of externally connected speakers.
Note 8. The Speaker Amplifier is not available.
Note 9. The Speaker Amplifier is available.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.


Similar Part No. - AK4953AEN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4953A AKM-AK4953A Datasheet
940Kb / 96P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results

Similar Description - AK4953AEN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951 AKM-AK4951 Datasheet
2Mb / 111P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953A AKM-AK4953A Datasheet
940Kb / 96P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com