Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS252012H2R2MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPS252012H2R2MF
Description  SMD POWER INDUCTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS252012H2R2MF Datasheet(HTML) 2 Page - Superworld Electronics

  SPS252012H2R2MF Datasheet HTML 1Page - Superworld Electronics SPS252012H2R2MF Datasheet HTML 2Page - Superworld Electronics SPS252012H2R2MF Datasheet HTML 3Page - Superworld Electronics SPS252012H2R2MF Datasheet HTML 4Page - Superworld Electronics SPS252012H2R2MF Datasheet HTML 5Page - Superworld Electronics SPS252012H2R2MF Datasheet HTML 6Page - Superworld Electronics SPS252012H2R2MF Datasheet HTML 7Page - Superworld Electronics SPS252012H2R2MF Datasheet HTML 8Page - Superworld Electronics SPS252012H2R2MF Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PG. 2
4. ELECTRICAL CHARACTERISTICS :
SPS252012H1R0YF
Part Number
1.5
3.3
2.2
1.0
Inductance
( μH )
±30%
1.80
1.30
2.20
2.80
Isat
1.44
1.04
1.76
2.24
Max.
( A )
Frequency
0.1V/1M
( Hz )
Test
Tolerance
( % )
Typ.
( A )
Isat
0.1V/1M
0.1V/1M
0.1V/1M
SUPERWORLD ELECTRONICS (S) PTE LTD
DCR
0.129
0.220
±20%
( Ω )
0.100
0.073
Irms
1.70
1.20
1.86
2.20
Typ.
( A )
Irms
1.36
0.96
1.48
1.76
Max.
( A )
±30%
±20%
±20%
5. GENERAL SPECIFICATION :
15.08.2013
NOTE : Specifications subject to change without notice. Please check our website for latest information.
(b) Isat:Based on inductance change (ΔL/L0:≦-30%)
(c) Irms:Based on temperature rise (ΔT:40°C)
(a) ambient temp. : 25°C
(d) Operating Temperature : -40~+85°C (For products in unopened tape package, less than 40°C)
SMD POWER INDUCTOR
4.7
1.10
0.88
0.1V/1M
0.290
1.04
0.83
±20%
6.8
0.94
0.75
0.1V/1M
0.370
0.94
0.75
±20%
10
0.82
0.65
0.1V/1M
0.570
0.84
0.60
±20%
15
0.70
0.60
0.1V/1M
0.835
0.50
0.45
±20%
22
0.60
0.55
0.1V/1M
1.200
0.45
0.40
±20%
SPS252012H SERIES
SPS252012H1R5YF
SPS252012H2R2MF
SPS252012H3R3MF
SPS252012H4R7MF
SPS252012H6R8MF
SPS252012H100MF
SPS252012H150MF
SPS252012H220MF


Similar Part No. - SPS252012H2R2MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS252012D1R0MF SUPERWORLD-SPS252012D1R0MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012D2R2MF SUPERWORLD-SPS252012D2R2MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012DR47MF SUPERWORLD-SPS252012DR47MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012DR68MF SUPERWORLD-SPS252012DR68MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012E1R0MF SUPERWORLD-SPS252012E1R0MF Datasheet
217Kb / 8P
   SMD Power Inductors
More results

Similar Description - SPS252012H2R2MF

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com