Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RRP9095150-18 Datasheet(PDF) 2 Page - RFHIC

Part # RRP9095150-18
Description  50 Ohm Input/Output impedance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RRP9095150-18 Datasheet(HTML) 2 Page - RFHIC

  RRP9095150-18 Datasheet HTML 1Page - RFHIC RRP9095150-18 Datasheet HTML 2Page - RFHIC RRP9095150-18 Datasheet HTML 3Page - RFHIC RRP9095150-18 Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary
Pulse Amp Module
RRP9095150-18
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facilities : 919-677-8780 / sales@rfhicusa.com
2 / 4
Version 0.1
Absolute Maximum Ratings
PARAMETER
UNIT
RATING
SYMBOL
Operating Junction Temperature
°C
225
TJ
Operating Flange Temperature
°C
-30 ~ 75
TC
Storage Temperature
°C
-30 ~ 125
TSTG
Operating Voltages
PARAMETER
UNIT
NOMINAL VOLTAGE
VOLTAGE ACCURACY
SYMBOL
Drain-Source Voltage
V
50
± 2%
VDS
Power Supply
* Duty Cycle 10%, Pulse Width 100us
PARAMETER
UNIT
MIN
TYP
MAX
SYMBOL
Drain-Source Current(AVG)
A
-
1.1
1.3
IDS
Block diagram


Similar Part No. - RRP9095150-18

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
RRP-250 RICHCO-RRP-250 Datasheet
43Kb / 1P
   ROUND ROLL PINS
RRP-312 RICHCO-RRP-312 Datasheet
43Kb / 1P
   ROUND ROLL PINS
RRP-375 RICHCO-RRP-375 Datasheet
43Kb / 1P
   ROUND ROLL PINS
logo
RFHIC
RRP03250-10 RFHIC-RRP03250-10 Datasheet
134Kb / 5P
   Pulse Amp Module
RRP090100120-15 RFHIC-RRP090100120-15 Datasheet
571Kb / 4P
   50 Ohm Input/Output impedance
More results

Similar Description - RRP9095150-18

ManufacturerPart #DatasheetDescription
logo
RFHIC
RRP5257550-35 RFHIC-RRP5257550-35 Datasheet
646Kb / 4P
   50 Ohm Input/Output impedance
RRP3135900-12 RFHIC-RRP3135900-12 Datasheet
427Kb / 3P
   50 Ohm Input/Output impedance
RRP27312K6-20 RFHIC-RRP27312K6-20 Datasheet
523Kb / 3P
   50 Ohm Input/Output impedance
RRP31352K6-20 RFHIC-RRP31352K6-20 Datasheet
449Kb / 3P
   50 Ohm Input/Output impedance
RRP52571K0-41 RFHIC-RRP52571K0-41 Datasheet
870Kb / 4P
   50 Ohm Input/Output impedance
RRP5657550-35 RFHIC-RRP5657550-35 Datasheet
751Kb / 4P
   50 Ohm Input/Output impedance
RRP090100120-15 RFHIC-RRP090100120-15 Datasheet
571Kb / 4P
   50 Ohm Input/Output impedance
logo
Marki Microwave
EQ3-26 MARKIMICROWAVE-EQ3-26 Datasheet
869Kb / 4P
   Matched 50 Ohm Impedance on Input and Output Ports
EQ3-40 MARKIMICROWAVE-EQ3-40 Datasheet
903Kb / 4P
   Matched 50 Ohm Impedance on Input and Output Ports
EQ6-26 MARKIMICROWAVE-EQ6-26 Datasheet
850Kb / 4P
   Matched 50 Ohm Impedance on Input and Output Ports
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com