Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR23625CFPQDRRRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23625CFPQDRRRQ1
Description  SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23625CFPQDRRRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMR23625CFPQDRRRQ1 Datasheet HTML 2Page - Texas Instruments LMR23625CFPQDRRRQ1 Datasheet HTML 3Page - Texas Instruments LMR23625CFPQDRRRQ1 Datasheet HTML 4Page - Texas Instruments LMR23625CFPQDRRRQ1 Datasheet HTML 5Page - Texas Instruments LMR23625CFPQDRRRQ1 Datasheet HTML 6Page - Texas Instruments LMR23625CFPQDRRRQ1 Datasheet HTML 7Page - Texas Instruments LMR23625CFPQDRRRQ1 Datasheet HTML 8Page - Texas Instruments LMR23625CFPQDRRRQ1 Datasheet HTML 9Page - Texas Instruments LMR23625CFPQDRRRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
LMR23625-Q1
SNVSAR5 – DECEMBER 2016
www.ti.com
Product Folder Links: LMR23625-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the recommended operating junction temperature (TJ) range of -40 °C to +125 °C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25 °C, and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
IHS_LIMIT
Peak inductor current limit
3.6
4.8
6.2
A
ILS_LIMIT
Valley inductor current limit
2.8
3.5
4.6
A
IL_ZC
Zero cross current limit
-0.04
A
IL_NEG
Negative current limit (FPWM Option)
-2.7
-2.0
-1.3
A
INTEGRATED MOSFETS
RDS_ON_HS
High-side MOSFET ON-resistance
VIN = 12 V, IOUT = 1 A
185
m
RDS_ON_LS
Low-side MOSFET ON-resistance
VIN = 12 V, IOUT = 1 A
105
m
THERMAL SHUTDOWN
TSHDN
Thermal shutdown threshold
162
170
178
°C
THYS
Hysteresis
15
°C


Similar Part No. - LMR23625CFPQDRRRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625CFPQDRRRQ1 TI1-LMR23625CFPQDRRRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625CFPQDRRRQ1 TI1-LMR23625CFPQDRRRQ1 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
More results

Similar Description - LMR23625CFPQDRRRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com