Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ20A Datasheet(PDF) 5 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SMCJ20A
Description  Low profile package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMCJ20A Datasheet(HTML) 5 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMCJ20A Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ20A Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ20A Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ20A Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ20A Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ20A Datasheet HTML 6Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMCJ5.0 --- SMCJ440CA
Ratings and Characteristic Curves TA=25°C unless otherwise noted
WWW.SEMITECH.CN


Similar Part No. - SMCJ20A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ20A MCC-SMCJ20A Datasheet
232Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Shanghai Leiditech Elec...
SMCJ20A LEIDITECH-SMCJ20A Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
logo
Dc Components
SMCJ20A DCCOM-SMCJ20A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMCJ20A JUXING-SMCJ20A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMCJ20A VISHAY-SMCJ20A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
More results

Similar Description - SMCJ20A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
   Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
   Low profile package
MMF SEMITECH-MMF Datasheet
497Kb / 5P
   Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
   Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
   Low profile package
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
SMAJ SEMITECH-SMAJ Datasheet
495Kb / 5P
   Low profile package
5KP SEMITECH-5KP Datasheet
508Kb / 4P
   Low profile package
SMBJ SEMITECH-SMBJ Datasheet
492Kb / 5P
   Low profile package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com