Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ10C Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SMCJ10C
Description  Excellent clamping capability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMCJ10C Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMCJ10C Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ10C Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ10C Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ10C Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ10C Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ10C Datasheet HTML 6Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMCJ5.0 --- SMCJ440CA
Electrical Specification @ Tamb 25°C
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMCJ5.0
SMCJ5.0C
GDD
BDD
5.0
6.40
7.55
10.0
9.6
156.3
800.0
SMCJ5.0A
SMCJ5.0CA
GDE
BDE
5.0
6.40
7.25
10.0
9.2
163.0
800.0
SMCJ6.0
SMCJ6.0C
GDF
BDF
6.0
6.67
8.45
10.0
11.4
131.6
800.0
SMCJ6.0A
SMCJ6.0CA
GDG
BDG
6.0
6.67
7.67
10.0
10.3
145.6
800.0
SMCJ6.5
SMCJ6.5C
GDH
BDH
6.5
7.22
9.14
10.0
12.3
122.0
500.0
SMCJ6.5A
SMCJ6.5CA
GDK
BDK
6.5
7.22
8.30
10.0
11.2
133.9
500.0
SMCJ7.0
SMCJ7.0C
GDL
BDL
7.0
7.78
9.86
10.0
13.3
112.8
200.0
SMCJ7.0A
SMCJ7.0CA
GDM
BDM
7.0
7.78
8.95
10.0
12.0
125.0
200.0
SMCJ7.5
SMCJ7.5C
GDN
BDN
7.5
8.33
10.67
1.0
14.3
104.9
100.0
SMCJ7.5A
SMCJ7.5CA
GDP
BDP
7.5
8.33
9.58
1.0
12.9
116.3
100.0
SMCJ8.0
SMCJ8.0C
GDQ
BDQ
8.0
8.89
11.3
1.0
15.0
100.0
50.0
SMCJ8.0A
SMCJ8.0CA
GDR
BDR
8.0
8.89
10.23
1.0
13.6
110.3
50.0
SMCJ8.5
SMCJ8.5C
GDS
BDS
8.5
9.44
11.92
1.0
15.9
94.3
20.0
SMCJ8.5A
SMCJ8.5CA
GDT
BDT
8.5
9.44
10.82
1.0
14.4
104.2
20.0
SMCJ9.0
SMCJ9.0C
GDU
BDU
9.0
10.0
12.6
1.0
16.9
88.8
10.0
SMCJ9.0A
SMCJ9.0CA
GDV
BDV
9.0
10.0
11.5
1.0
15.4
97.4
10.0
SMCJ10
SMCJ10C
GDW
BDW
10
11.1
14.1
1.0
18.8
79.8
5.0
SMCJ10A
SMCJ10CA
GDX
BDX
10
11.1
12.8
1.0
17.0
88.2
5.0
SMCJ11
SMCJ11C
GDY
BDY
11
12.2
15.4
1.0
20.1
74.6
5.0
SMCJ11A
SMCJ11CA
GDZ
BDZ
11
12.2
14.0
1.0
18.2
82.4
5.0
SMCJ12
SMCJ12C
GED
BED
12
13.3
16.9
1.0
22.0
68.2
5.0
SMCJ12A
SMCJ12CA
GEE
BEE
12
13.3
15.3
1.0
19.9
75.4
5.0
SMCJ13
SMCJ13C
GEF
BEF
13
14.4
18.2
1.0
23.8
63.0
5.0
SMCJ13A
SMCJ13CA
GEG
BEG
13
14.4
16.5
1.0
21.5
69.8
5.0
SMCJ14
SMCJ14C
GEH
BEH
14
15.6
19.8
1.0
25.8
58.1
5.0
SMCJ14A
SMCJ14CA
GEK
BEK
14
15.6
17.9
1.0
23.2
64.7
5.0
SMCJ15
SMCJ15C
GEL
BEL
15
16.7
21.1
1.0
26.9
55.8
5.0
SMCJ15A
SMCJ15CA
GEM
BEM
15
16.7
19.2
1.0
24.4
61.5
5.0
SMCJ16
SMCJ16C
GEN
BEN
16
17.8
22.6
1.0
28.8
52.1
5.0
SMCJ16A
SMCJ16CA
GEP
BEP
16
17.8
20.5
1.0
26.0
57.7
5.0
SMCJ17
SMCJ17C
GEQ
BEQ
17
18.9
23.9
1.0
30.5
49.2
5.0
SMCJ17A
SMCJ17CA
GER
BER
17
18.9
21.7
1.0
27.6
54.3
5.0
SMCJ18
SMCJ18C
GES
BES
18
20.0
25.3
1.0
32.2
46.6
5.0
SMCJ18A
SMCJ18CA
GET
BET
18
20.0
23.3
1.0
29.2
51.4
5.0
SMCJ20
SMCJ20C
GEU
BEU
20
22.2
28.1
1.0
35.8
41.9
5.0
SMCJ20A
SMCJ20CA
GEV
BEV
20
22.2
25.5
1.0
32.4
46.3
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
WWW.SEMITECH.CN


Similar Part No. - SMCJ10C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMCJ10C BYTES-SMCJ10C Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMCJ10C LUGUANG-SMCJ10C Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
logo
Microsemi Corporation
SMCJ10C MICROSEMI-SMCJ10C Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCJ10C LUGUANG-SMCJ10C Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
logo
Vishay Siliconix
SMCJ10C VISHAY-SMCJ10C Datasheet
43Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
26-Sep-02
More results

Similar Description - SMCJ10C

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
   Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com