Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA17C Datasheet(PDF) 4 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SA17C
Description  Uni-directional Versions Available
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SA17C Datasheet(HTML) 4 Page - Shanghai Semitech Semiconductor Co., Ltd

  SA17C Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SA17C Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SA17C Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SA17C Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SA17C Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd SA17C Datasheet HTML 6Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SA5.0A---SA440CA
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.VF = 3.5V at IF = 50A
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SA78A
SA78CA
78
86.0
95.8
1.0
126
4.0
3.0
SA85
SA85C
85
94.0
115
1.0
151
3.4
3.0
SA85A
SA85CA
85
94.0
104
1.0
137
3.7
3.0
SA90
SA90C
90
100
122
1.0
160
3.2
3.0
SA90A
SA90CA
90
100
111
1.0
146
3.3
3.0
SA100
SA100C
100
111
136
1.0
179
2.8
3.0
SA100A
SA100CA
100
111
123
1.0
162
3.1
3.0
SA110
SA110C
110
122
149
1.0
196
2.6
3.0
SA110A
SA110CA
110
122
135
1.0
177
2.9
3.0
SA120
SA120C
120
133
163
1.0
214
2.4
3.0
SA120A
SA120CA
120
133
147
1.0
193
2.6
3.0
SA130
SA130C
130
144
176
1.0
231
2.2
3.0
SA130A
SA130CA
130
144
159
1.0
209
2.4
3.0
SA150
SA150C
150
167
204
1.0
268
1.9
3.0
SA150A
SA150CA
150
167
185
1.0
243
2.1
3.0
SA160
SA160C
160
178
218
1.0
287
1.7
3.0
SA160A
SA160CA
160
178
197
1.0
259
2.0
3.0
SA170
SA170C
170
189
231
1.0
304
1.7
3.0
SA170A
SA170CA
170
189
209
1.0
275
1.9
3.0
SA180
SA180C
180
200
244
1.0
321
1.56
3.0
SA180A
SA180CA
180
200
221
1.0
290
1.73
3.0
SA190
SA190C
190
211
258
1.0
339
1.48
3.0
SA190A
SA190CA
190
211
233
1.0
306
1.64
3.0
SA200
SA200C
200
222
271
1.0
356
1.41
3.0
SA200A
SA200CA
200
222
245
1.0
322
1.56
3.0
SA210
SA210C
210
233
285
1.0
375
1.34
3.0
SA210A
SA210CA
210
233
258
1.0
339
1.48
3.0
SA220
SA220C
220
244
298
1.0
392
1.29
3.0
SA220A
SA220CA
220
244
270
1.0
355
1.42
3.0
SA250
SA250C
250
278
340
1.0
447
1.13
3.0
SA250A
SA250CA
250
278
307
1.0
403
1.25
3.0
SA300
SA300C
300
333
407
1.0
535
0.94
3.0
SA300A
SA300CA
300
333
368
1.0
484
1.04
3.0
SA350
SA350C
350
389
475
1.0
624
0.81
3.0
SA350A
SA350CA
350
389
430
1.0
565
0.89
3.0
SA400
SA400C
400
444
523
1.0
687
0.74
3.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
WWW.SEMITECH.CN


Similar Part No. - SA17C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA17C PANJIT-SA17C Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Anova Technologies CO.,...
SA17C ANOVA-SA17C Datasheet
354Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Won-Top Electronics
SA17C WTE-SA17C Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
RFE international
SA17C RFE-SA17C Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
logo
Won-Top Electronics
SA17C WTE-SA17C Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA17C

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
3KP5.0A SEMITECH-3KP5.0A Datasheet
270Kb / 5P
   Uni-directional Versions Available
logo
American Electronic Com...
DG56A AEC-DG56A Datasheet
390Kb / 3P
   PCB versions available
logo
TE Connectivity Ltd
EV200P TEC-EV200P Datasheet
227Kb / 2P
   RoHS versions available
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
IK Semicon Co., Ltd
ILX75176 IKSEMICON-ILX75176 Datasheet
474Kb / 8P
   Half-Duplex Versions Available
logo
JFW Industries, Inc.
50FHLB-XXX-100 JFW-50FHLB-XXX-100 Datasheet
27Kb / 1P
   UNI-DIRECTIONAL FIXED ATTENUATOR
50HF-XXX-100-6 JFW-50HF-XXX-100-6 Datasheet
28Kb / 1P
   FIXED ATTENUATOR UNI-DIRECTIONAL
50FHIQ-XXX-1000 JFW-50FHIQ-XXX-1000 Datasheet
27Kb / 1P
   UNI-DIRECTIONAL FIXED ATTENUATOR
logo
SeCoS Halbleitertechnol...
SD36 SECOS-SD36_17 Datasheet
300Kb / 2P
   TVS Protection (Uni-Directional)
logo
Shanghai Leiditech Elec...
SD0791P1W LEIDITECH-SD0791P1W Datasheet
1Mb / 4P
   UNI-DIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com