Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M51995AP Datasheet(PDF) 22 Page - Mitsubishi Electric Semiconductor

Part # M51995AP
Description  SWITCHING REGULATOR CONTROL
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M51995AP Datasheet(HTML) 22 Page - Mitsubishi Electric Semiconductor

Back Button M51995AP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M51995AP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M51995AP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M51995AP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M51995AP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M51995AP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M51995AP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M51995AP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M51995AP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
SWITCHING REGULATOR CONTROL
M51995AP/FP
MITSUBISHI (Dig./Ana. INTERFACE)
(
/ 27 )
22
Fig.31 and 32 show the example circuit diagrams around the
CLM+ and CLM- terminal.It is required to connect the low pass
filter,as the main current or drain current contains the spike
current especially during the turn-on duration of MOS-FIT.
1,000pF to 22,000pF is recommended for CNF and the RNF1
and RNF2 have the functions both to adjust the "current-
detecting-sensitivity" and to consist the low pass filter.
(1)Peripheral circuit of CLM+,CLM- terminal
Current limiting circuit
M51995A
GND
Vcc
Fig.31 Peripheral circuit diagram of CLM+ terminal
R1
Cvcc
INPUT
SMOOTHING
CAPACITOR
CFIN
COLLECTOR
CLM+
VOUT
EMITTER
CNF
RNF1
RNF2 RCLM
M51995A
GND
Vcc
Fig.32 Peripheral circuit diagram of CLM- terminal
R1
Cvcc
INPUT
SMOOTHING
CAPACITOR
CFIN
COLLECTOR
CLM+
VOUT
EMITTER
CNF
RNF1
RNF2 RCLM
To design the RNF1 and RNF2,it is required to consider the
influence of CLM terminal source current(IINCLM+ or INFCLM-),
which value is in the range of 90 to 270µA.
In order to be not influenced from these resistor paralleled value
of RNF1 and RNF2,(RNF1/RNF2)is recommended to be less than
100
Ω.
The RCLM should be the non-inductive resistor.
Fig.33 shows the primary and secondary current wave-forms
under the current limiting operation.
At the typical application of pulse by pulse primary current
detecting circuit,the secondary current depends on the primary
current.As the peak value of secondary current is limited to
specified value,the characteristics curve of output voltage
versus output current become to the one as shown in Fig.34.
(a)In case of feed forward system
(2)Over current limiting curve
I1
I2
RCLM
CLM
Fig.33 Primary and secondary current waveforms
under the current limiting operation
condition on feed forward system
(a) Feed forward system
IP1
IP2
I1
I2
(b) Primary and secondary current
OUTPUT CURRENT
Fig.34 Over current limiting curve on feed forward
system
The demerit of the pulse by pulse current limiting system is that
the output pulse width can not reduce to less than some value
because of the delay time of low pass filter connected to the
CLM terminal and propagation delay time TPDCLM from CLM
terminal to output terminal of type M51995A.The typical TPDCLM
is 100ns.
As the frequency becomes higher,the delay time must be
shorter.And as the secondary output voltage becomes
higher,the dynamic range of on-duty must be wider;it means
that it is required to make the on-duration much more narrower.
So this system has the demerit at the higher oscillating
frequency and higher output voltage applications.
To improve these points,the oscillating frequency is set low
using the characteristics of VF terminal.When the current
limiting circuit operates under the over current condition,the
oscillating frequency decreases in accordance with the
decrease of VF terminal voltage,if the VF is lower than
3.5V.And also the dead time becomes longer.


Similar Part No. - M51995AP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M51995AP RENESAS-M51995AP Datasheet
11Mb / 28P
   SWITCHING REGULATOR CONTROL
More results

Similar Description - M51995AP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51978P MITSUBISHI-M51978P Datasheet
1Mb / 24P
   SWITCHING REGULATOR CONTROL
M51997P MITSUBISHI-M51997P Datasheet
922Kb / 22P
   SWITCHING REGULATOR CONTROL?
logo
Renesas Technology Corp
M51996AP RENESAS-M51996AP Datasheet
398Kb / 36P
   Switching Regulator Control
logo
Mitsubishi Electric Sem...
M51996AP MITSUBISHI-M51996AP Datasheet
366Kb / 22P
   SWITCHING REGULATOR CONTROL
logo
Renesas Technology Corp
M51995AFP-CF0J RENESAS-M51995AFP-CF0J Datasheet
457Kb / 43P
   Switching Regulator Control
M51998P RENESAS-M51998P Datasheet
1Mb / 5P
   SWITCHING REGULATOR CONTROL
logo
Mitsubishi Electric Sem...
M5T494 MITSUBISHI-M5T494 Datasheet
294Kb / 5P
   SWITCHING REGULATOR CONTROL
logo
Renesas Technology Corp
M51995 RENESAS-M51995 Datasheet
11Mb / 28P
   SWITCHING REGULATOR CONTROL
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
   SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
   SWITCHING REGULATOR CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com