Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3VAQ3 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 3VAQ3
Description  High Frequency Power Line Filter or Power Entry Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3VAQ3 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  3VAQ3 Datasheet HTML 1Page - TE Connectivity Ltd 3VAQ3 Datasheet HTML 2Page - TE Connectivity Ltd 3VAQ3 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum leakage current each Line to Ground:
3A Models
6A Models
@ 120 VAC 60 Hz:
1.2 mA
.7 mA
@250 VAC 50 Hz:
2.3 mA
1.2 mA
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max):
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
3 or 6A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
AQ Series
12
AQ Series
High Frequency Power Line Filter or Power Entry Module
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
• Low cost solution to power line noise at high
frequencies
• High common and differential mode performance
from 10kHz to 1GHz
• Available with an IEC inlet, fuseholder and switch
• Suitable for applications where computers are
used to process secret or confidential information
Ordering Information
3 V AQ 8 FS
Suffix
F – Fuseholder
FS – Fuseholder & Switch
(F & FS on VAQ8 only)
Omit if none
Input / Output Style
3 – Wire leads
8 – IEC inlet* (line side)
Wire leads (load side)
AQ Series
Leakage current designation
V – Standard
Current Rating
3 or 6A
Specifications
Electrical Schematics
LINE
LOAD
3A Models
UL Recognized
CSA Certified
6A Models
LINE
LOAD
3VAQ8F
6VAQ8F
Available Part Numbers
3VAQ3
6VAQ3
3VAQ8F
6VAQ8F
3VAQ8FS
6VAQ8FS
*IEC 60320-1 C14 inlet mates with C13 connector
GA400: NEMA 5-15P to IEC 60320-1 C-13 line cord
Accessories


Similar Part No. - 3VAQ3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3VAQ3 MACOM-3VAQ3 Datasheet
360Kb / 2P
   High Frequency Power Line Filter or Power Entry Module
3VAQ3 MACOM-3VAQ3 Datasheet
230Kb / 3P
   High Frequency Power Line Filter or Power Entry Module
3VAQ3 MACOM-3VAQ3_11 Datasheet
230Kb / 3P
   High Frequency Power Line Filter or Power Entry Module
More results

Similar Description - 3VAQ3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3VAQ3 MACOM-3VAQ3_11 Datasheet
230Kb / 3P
   High Frequency Power Line Filter or Power Entry Module
3VAQ3 MACOM-3VAQ3 Datasheet
360Kb / 2P
   High Frequency Power Line Filter or Power Entry Module
6EL1S MACOM-6EL1S Datasheet
105Kb / 4P
   Power Entry Module with RFI Power Line Filter for General or Medical Applications
logo
Schurter Inc.
0040.5000.2 SCHURTER-0040.5000.2 Datasheet
400Kb / 3P
   Power entry modules without line filter
logo
List of Unclassifed Man...
DC11 ETC2-DC11 Datasheet
162Kb / 2P
   POWER ENTRY MODULES WITHOUT LINE FILTER
logo
XP Power Limited
FGSM XPPOWER-FGSM Datasheet
532Kb / 3P
   IEC Power Entry Inlet with Line Filter
FCSS XPPOWER-FCSS Datasheet
474Kb / 3P
   IEC Power Entry Inlet with Line Filter
FFSA XPPOWER-FFSA Datasheet
494Kb / 3P
   IEC Power Entry Inlet with Line Filter
logo
TE Connectivity Ltd
GG8 TEC-GG8 Datasheet
288Kb / 3P
   Power entry module with enhanced EMI filter
logo
Schurter Inc.
DG12-IP40 SCHURTER-DG12-IP40 Datasheet
444Kb / 1P
   Power Entry Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com