Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2VR1 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 2VR1
Description  Two-stage General Purpose RFI Power Line Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2VR1 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  2VR1 Datasheet HTML 1Page - TE Connectivity Ltd 2VR1 Datasheet HTML 2Page - TE Connectivity Ltd 2VR1 Datasheet HTML 3Page - TE Connectivity Ltd 2VR1 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
62
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Two-stage General Purpose RFI Power Line Filter (continued)
R Series
Electrical Schematic
LINE
LOAD
Case Styles
R1 (1, 2, 3, 5, 10A)
D
E
A
C
B
R3
A
D
E
C
B
Brown
Blue
Brown
Blue
Green/
Yellow
10VR6
C
B
E
D
A

 











 


R1 (20A)
D
E
A
C
B
2.00
50.8

 




20VR6
E
DB
2.00
50.8
A
C


 


Case Styles (continued)


Similar Part No. - 2VR1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2VR1 MACOM-2VR1 Datasheet
347Kb / 2P
   Two-Stage General Purpose RFI Power Line Filter
2VR1 MACOM-2VR1 Datasheet
226Kb / 4P
   Two-stage General Purpose RFI Power Line Filter
logo
TE Connectivity Ltd
2VR1 TEC-2VR1 Datasheet
226Kb / 4P
   Two-stage General Purpose RFI Power Line Filter
More results

Similar Description - 2VR1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1VR1 MACOM-1VR1 Datasheet
347Kb / 2P
   Two-Stage General Purpose RFI Power Line Filter
logo
TE Connectivity Ltd
1VR1 TEC-1VR1 Datasheet
226Kb / 4P
   Two-stage General Purpose RFI Power Line Filter
logo
Tyco Electronics
1VR1 MACOM-1VR1_11 Datasheet
226Kb / 4P
   Two-stage General Purpose RFI Power Line Filter
logo
Wurth Elektronik GmbH &...
810913010 WURTH-810913010 Datasheet
906Kb / 7P
   WE-CLFS Line Filter Two-Stage
001.000
810913014 WURTH-810913014 Datasheet
906Kb / 7P
   WE-CLFS Line Filter Two-Stage
001.000
810913006 WURTH-810913006 Datasheet
906Kb / 7P
   WE-CLFS Line Filter Two-Stage
001.001
810913020 WURTH-810913020 Datasheet
907Kb / 7P
   WE-CLFS Line Filter Two-Stage
001.000
logo
PowerDynamics, Inc
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
logo
List of Unclassifed Man...
FN660-1-06 ETC2-FN660-1-06 Datasheet
527Kb / 4P
   Two-stage general performance EMI filter
logo
PowerDynamics, Inc
PF01PC POWERDYNAMICS-PF01PC Datasheet
213Kb / 2P
   PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com