Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE6.8A Datasheet(PDF) 4 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # P4KE6.8A
Description  Excellent Clamping Capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

P4KE6.8A Datasheet(HTML) 4 Page - Shanghai Semitech Semiconductor Co., Ltd

  P4KE6.8A Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd P4KE6.8A Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd P4KE6.8A Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd P4KE6.8A Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd P4KE6.8A Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P4KE6.8—P4KE440CA
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P4KE200
P4KE200C
162
180
220
1.0
287
1.5
5.0
P4KE200A
P4KE200CA
171
190
210
1.0
274
1.53
5.0
P4KE220
P4KE220C
175
198
242
1.0
344
1.16
5.0
P4KE220A
P4KE220CA
185
209
231
1.0
328
1.22
5.0
P4KE250
P4KE250C
202
225
275
1.0
360
1.1
5.0
P4KE250A
P4KE250CA
214
237
263
1.0
344
1.16
5.0
P4KE300
P4KE300C
243
270
330
1.0
430
0.93
5.0
P4KE300A
P4KE300CA
256
285
315
1.0
414
0.97
5.0
P4KE350
P4KE350C
284
315
385
1.0
504
0.79
5.0
P4KE350A
P4KE350CA
300
333
368
1.0
482
0.83
5.0
P4KE400
P4KE400C
324
360
440
1.0
574
0.70
5.0
P4KE400A
P4KE400CA
342
380
420
1.0
548
0.73
5.0
P4KE440
P4KE440C
356
396
484
1.0
631
0.63
5.0
P4KE440A
P4KE440CA
376
418
462
1.0
602
0.65
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
4.
A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which
should be equal to or greater than the DC or continuous peak operating voltage level.
5.
VBR measured at pulse test current IT at an ambient temperature of 25°C.
6.
Surge current waveform per Figure 1 and derate per Figure 3.
WWW.SEMITECH.CN


Similar Part No. - P4KE6.8A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE6.8A PANJIT-P4KE6.8A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Digitron Semiconductors
P4KE6.8A DIGITRON-P4KE6.8A Datasheet
1Mb / 5P
   TRANISENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
P4KE6.8A TSC-P4KE6.8A Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
Comchip Technology
P4KE6.8A COMCHIP-P4KE6.8A Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
logo
Zibo Seno Electronic En...
P4KE6.8A ZSELEC-P4KE6.8A Datasheet
261Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - P4KE6.8A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
   Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com