Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMF5.0A Datasheet(PDF) 4 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # MMF5.0A
Description  Glass passivated junction
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

MMF5.0A Datasheet(HTML) 4 Page - Shanghai Semitech Semiconductor Co., Ltd

  MMF5.0A Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd MMF5.0A Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd MMF5.0A Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd MMF5.0A Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MMF5.0A/CA---MMF190A/CA
Package Outline Dimensions and Pad Layouts
SOD-123FL
Dim
Millimeters
Inches
Min
Max
Min
Max
A
3.40
3.85
0.142
0.150
B
2.50
2.90
0.098
0.114
C
1.40
1.80
0.055
0.071
D
0.90
1.35
0.035
0.053
E
0.50
1.10
0.020
0.043
G
0.25
------
0.010
----
H
------
0.20
----
0.008
WWW.SEMITECH.CN


Similar Part No. - MMF5.0A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MMF5.0A SUNMATE-MMF5.0A Datasheet
662Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Shanghai Semitech Semic...
MMF5.0A SEMITECH-MMF5.0A Datasheet
497Kb / 5P
   Low profile package
logo
Zibo Seno Electronic En...
MMF5.0A ZSELEC-MMF5.0A Datasheet
244Kb / 4P
   5.0 to 19 0Volts 200Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
MMF5.0A LEIDITECH-MMF5.0A Datasheet
485Kb / 4P
   Working peak reverse voltage range ??5.0V to 190V
More results

Similar Description - MMF5.0A

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com