Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP12CA Datasheet(PDF) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # 5KP12CA
Description  Excellent Clamping Capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

5KP12CA Datasheet(HTML) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

  5KP12CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd 5KP12CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd 5KP12CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd 5KP12CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd 5KP12CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5KP5.0A/CA—5KP190A/CA
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage @IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
5KP22
5KP22C
22
24.4
30.9
1.0
39.4
126.9
5.0
5KP22A
5KP22CA
22
24.4
28.0
1.0
35.5
140.8
5.0
5KP24
5KP24C
24
26.7
33.8
1.0
43.0
116.3
5.0
5KP24A
5KP24CA
24
26.7
30.7
1.0
38.9
128.5
5.0
5KP26
5KP26C
26
28.9
36.6
1.0
46.6
107.3
5.0
5KP26A
5KP26CA
26
28.9
33.2
1.0
42.1
118.8
5.0
5KP28
5KP28C
28
31.1
39.4
1.0
50.0
100.0
5.0
5KP28A
5KP28CA
28
31.1
35.8
1.0
45.4
110.1
5.0
5KP30
5KP30C
30
33.3
42.2
1.0
53.5
93.5
5.0
5KP30A
5KP30CA
30
33.3
38.3
1.0
48.4
103.3
5.0
5KP33
5KP33C
33
36.7
46.5
1.0
59.0
84.7
5.0
5KP33A
5KP33CA
33
36.7
42.2
1.0
53.3
93.8
5.0
5KP36
5KP36C
36
40.0
50.7
1.0
64.3
77.8
5.0
5KP36A
5KP36CA
36
40.0
46.0
1.0
58.1
86.1
5.0
5KP40
5KP40C
40
44.4
56.3
1.0
71.4
70.0
5.0
5KP40A
5KP40CA
40
44.4
51.1
1.0
64.5
77.5
5.0
5KP43
5KP43C
43
47.8
60.5
1.0
76.7
65.2
5.0
5KP43A
5KP43CA
43
47.8
54.9
1.0
69.4
72.0
5.0
5KP45
5KP45C
45
50.0
63.3
1.0
80.3
62.3
5.0
5KP45A
5KP45CA
45
50.0
57.5
1.0
72.7
68.8
5.0
5KP48
5KP48C
48
53.3
67.5
1.0
85.5
58.5
5.0
5KP48A
5KP48CA
48
53.3
61.3
1.0
77.4
64.6
5.0
5KP51
5KP51C
51
56.7
71.8
1.0
91.1
54.9
5.0
5KP51A
5KP51CA
51
56.7
65.2
1.0
82.4
60.7
5.0
5KP54
5KP54C
54
60.0
76.0
1.0
96.3
51.9
5.0
5KP54A
5KP54CA
54
60.0
69.0
1.0
87.1
57.4
5.0
5KP58
5KP58C
58
64.4
81.6
1.0
103
48.5
5.0
5KP58A
5KP58CA
58
64.4
74.1
1.0
93.6
53.4
5.0
5KP60
5KP60C
60
66.7
84.5
1.0
107
46.7
5.0
5KP60A
5KP60CA
60
66.7
76.7
1.0
96.8
51.7
5.0
5KP64
5KP64C
64
71.1
90.1
1.0
114
43.9
5.0
5KP64A
5KP64CA
64
71.1
81.8
1.0
103
48.5
5.0
5KP70
5KP70C
70
77.8
98.6
1.0
125
40.0
5.0
5KP70A
5KP70CA
70
77.8
89.5
1.0
113
44.2
5.0
5KP75
5KP75C
75
83.0
105.7
1.0
134
37.3
5.0
5KP75A
5KP75CA
75
83.0
95.8
1.0
121
41.3
5.0
5KP78
5KP78C
78
86.0
109.8
1.0
139
36.0
5.0
5KP78A
5KP78CA
78
86.0
99.7
1.0
126
39.7
5.0
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
WWW.SEMITECH.CN


Similar Part No. - 5KP12CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP12CA LUGUANG-5KP12CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Surge Components
5KP12CA SURGE-5KP12CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
SeCoS Halbleitertechnol...
5KP12CA SECOS-5KP12CA Datasheet
281Kb / 4P
   Voltage 5.0V ~ 250V 5000W Peak Power TVS
logo
CHENG-YI ELECTRONIC CO....
5KP12CA CHENG-YI-5KP12CA Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
5KP12CA DAESAN-5KP12CA Datasheet
375Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP12CA

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
   Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com