Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7016S35PFGB Datasheet(PDF) 16 Page - Integrated Device Technology

Part # 7016S35PFGB
Description  HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7016S35PFGB Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button 7016S35PFGB Datasheet HTML 12Page - Integrated Device Technology 7016S35PFGB Datasheet HTML 13Page - Integrated Device Technology 7016S35PFGB Datasheet HTML 14Page - Integrated Device Technology 7016S35PFGB Datasheet HTML 15Page - Integrated Device Technology 7016S35PFGB Datasheet HTML 16Page - Integrated Device Technology 7016S35PFGB Datasheet HTML 17Page - Integrated Device Technology 7016S35PFGB Datasheet HTML 18Page - Integrated Device Technology 7016S35PFGB Datasheet HTML 19Page - Integrated Device Technology 7016S35PFGB Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
6.42
IDT7016S/L
High-Speed 16K x 9 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
16
Truth Table IV — Address BUSY
Arbitration
NOTES:
1. PinsBUSYL and BUSYR are both outputs when the part is configured as a master. Both are inputs when configured as a slave.BUSYX outputs on the IDT7016 are push-pull, not
opendrainoutputs.OnslavestheBUSYX inputinternallyinhibitswrites.
2. "L" if the inputs to the opposite port were stable prior to the address and enable inputs of this port. "H" if the inputs to the opposite port became stable after the address and enable
inputs of this port. If tAPS is not met, either BUSYL or BUSYR =LOW will result. BUSYL and BUSYRoutputs can not be LOW simultaneously.
3. WritestotheleftportareinternallyignoredwhenBUSYLoutputsaredrivingLOWregardlessofactuallogiclevelonthepin.WritestotherightportareinternallyignoredwhenBUSYR
outputs are drivingLOW regardless of actual logic level on the pin.
Truth Table V — Example of Semaphore Procurement Sequence(1,2,3)
NOTES:
1. This table denotes a sequence of events for only one of the eight semaphores on the IDT7016.
2. There are eight semaphore flags written to via I/O0 and read from all I/Os (I/O0 - I/O8). These eight semaphores are addressed by A0 - A2.
e. CE = VIH, SEM = VIL to access the semaphores. Refer to the semaphore Read/Write Truth Table.
interrupt flag (INTL) is asserted when the right port writes to memory
location 3FFE where a write is defined as the CE = R/W = VIL per
Truth Table III. The left port clears the interrupt by an address location
3FFE access when CER =OER =VIL, R/W is a "don't care". Likewise,
the right port interrupt flag (INTR) is asserted when the left port writes
to memory location 3FFF and to clear the interrupt flag (INTR), the
right port must access memory location 3FFF. The message (9 bits)
at 3FFE or 3FFF is user-defined since it is in an addressable SRAM
location. If the interrupt function is not used, address locations 3FFE
and 3FFF are not used as mail boxes but are still part of the random
access memory. Refer to Truth Table III for the interrupt opera-
tion.
Functional Description
The IDT7016 provides two ports with separate control, address
and I/O pins that permit independent access for reads or writes to any
location in memory. The IDT7016 has an automatic power down
feature controlled by CE. The CE controls on-chip power down
circuitry that permits the respective port to go into a standby mode
when not selected (CE HIGH). When a port is enabled, access to the
entire memory array is permitted.
Interrupts
If the user chooses the interrupt function, a memory location
(mail box or message center) is assigned to each port. The left port
Inputs
Outputs
Function
CEL
CER
AOL-A13L
AOR-A13R
BUSYL(1)
BUSYR(1)
X
X
NO MATCH
H
H
Normal
H
X
MATCH
H
H
Normal
X
H
MATCH
H
H
Normal
L
L
MATCH
(2)
(2)
Write Inhibit(3)
3190 tbl 17
Functions
D0 - D8 Left
D0 - D8 Right
Status
No Action
1
1
Semaphore free
Left Port Writes "0" to Semaphore
0
1
Left port has semaphore token
Right Port Writes "0" to Semaphore
0
1
No change. Right side has no write access to semaphore
Left Port Writes "1" to Semaphore
1
0
Right port obtains semaphore token
Left Port Writes "0" to Semaphore
1
0
No change. Left port has no write access to semaphore
Right Port Writes "1" to Semaphore
0
1
Left port obtains semaphore token
Left Port Writes "1" to Semaphore
1
1
Semaphore free
Right Port Writes "0" to Semaphore
1
0
Right port has semaphore token
Right Port Writes "1" to Semaphore
1
1
Semaphore free
Left Port Writes "0" to Semaphore
0
1
Left port has semaphore token
Left Port Writes "1" to Semaphore
1
1
Semaphore free
3190 tbl 18


Similar Part No. - 7016S35PFGB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7016 BOURNS-7016 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
logo
Christian Bürkert GmbH ...
7016 BURKERT-7016 Datasheet
2Mb / 17P
   3/2-way solenoid valve, direct-acting
06.03.2024
logo
Amphenol Corporation
7016-0056 AMPHENOL-7016-0056 Datasheet
64Kb / 1P
   2.4MM PLUG TO 2.4MM PLUG FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
7016-0056-0057 AMPHENOL-7016-0056-0057 Datasheet
64Kb / 1P
   2.4MM PLUG TO 2.4MM PLUG FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
7016-0057 AMPHENOL-7016-0057 Datasheet
64Kb / 1P
   2.4MM PLUG TO 2.4MM PLUG FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
More results

Similar Description - 7016S35PFGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S Datasheet
262Kb / 20P
   HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com