Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFX8053 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # RFX8053
Description  Low Noise Amplifier with Bypass Mode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RFX8053 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  RFX8053 Datasheet HTML 1Page - Skyworks Solutions Inc. RFX8053 Datasheet HTML 2Page - Skyworks Solutions Inc. RFX8053 Datasheet HTML 3Page - Skyworks Solutions Inc. RFX8053 Datasheet HTML 4Page - Skyworks Solutions Inc. RFX8053 Datasheet HTML 5Page - Skyworks Solutions Inc. RFX8053 Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
RFX8053
Advanced Data Sheet
TRANSMIT PATH CHARACTERISTICS (VDD=3.6V; T=+25
oC)
Parameters
Units
Min
Typ
Max
Conditions
Operating Frequency Band
GHz
5.15
5.825
Linear Output Power for 802.11ac
dBm
+16.5
+17
EVM -35dB, 802.11ac, MCS9, VHT80
Linear Output Power for 802.11n
dBm
+18
EVM -32dB, 802.11n, MCS7, HT40
Linear Output Power for 802.11a
dBm
+19
EVM 3.5%, 802.11a, QAM64, 54 Mbps
Linear Output Power for 802.11a
6Mbps
dBm
+21
For 802.11a 6Mbps Mask Compliance
Small-Signal Power Gain
dB
28
Between TX and ANT pins
Gain Flatness
dB
+/-1
Between 5.15
– 5.85 GHz
TX Quiescent Current
mA
210
TX Linear Current
mA
270
POUT = +18dBm
Out-of-Band Rejection
dBc
-10
-15
At 3.9
– 7.2 GHz, relative to in-band
gain
Power Detector Voltage Output
mV
300
1600
POUT = +5 to +20dBm, 10kΩ Load
Second Harmonic
dBc
-35
POUT=+19dBm, CW
Third Harmonic
dBc
-50
POUT=+19dBm, CW
Input Return Loss
dB
-10
At TX Port
Output Return Loss
dB
-10
At ANT Port
Load VSWR for Stability (CW, Fix
Pin for Pout=+21dBm with 50Ω
load)
N/A
4:1
6:1
All non-harmonically related spurs less
than
-43dBm/MHz
Load VSWR for Ruggedness (CW,
Fix Pin for Pout=+21dBm with 50
Ohm Load)
N/A
8:1
10:1
No Damage


Similar Part No. - RFX8053

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
RFX8050 SKYWORKS-RFX8050 Datasheet
640Kb / 7P
   CMOS 5GHz WLAN 802.11ac RFeIC WITH PA, LNA AND SPDT
RFX8050W SKYWORKS-RFX8050W Datasheet
600Kb / 8P
   CMOS 5GHz WLAN 802.11ac RFeIC WITH PA, LNA AND SPDT
RFX8051 SKYWORKS-RFX8051 Datasheet
568Kb / 6P
   CMOS 5GHz WLAN 802.11ac RFeIC WITH PA, LNA AND SPDT
RFX8051B SKYWORKS-RFX8051B Datasheet
475Kb / 6P
   CMOS 5GHz WLAN 802.11ac RFeIC WITH PA, LNA AND SPDT
RFX8055 SKYWORKS-RFX8055 Datasheet
401Kb / 6P
   Low Noise Amplifier with Bypass Mode
More results

Similar Description - RFX8053

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
RFX8055 SKYWORKS-RFX8055 Datasheet
401Kb / 6P
   Low Noise Amplifier with Bypass Mode
logo
Broadcom Corporation.
DEMO-MGA-655T6 BOARDCOM-DEMO-MGA-655T6 Datasheet
239Kb / 14P
   Low Noise Amplifier with Bypass Mode
DEMO-MGA-645T6 BOARDCOM-DEMO-MGA-645T6 Datasheet
291Kb / 16P
   Low Noise Amplifier with Bypass/Shutdown Mode
logo
Skyworks Solutions Inc.
RFX5000B SKYWORKS-RFX5000B Datasheet
638Kb / 7P
   Low Noise Amplifier with Bypass
logo
Broadcom Corporation.
MGA-655T6 BOARDCOM-MGA-655T6 Datasheet
206Kb / 14P
   Low Noise Amplifier with Bypass Mode in Low Profile Package
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com