Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4SMF-BJF-CR0U0352 Datasheet(PDF) 8 Page - Cree, Inc

Part # C4SMF-BJF-CR0U0352
Description  Cree Screen Master 4-mm Oval LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMF-BJF-CR0U0352 Datasheet(HTML) 8 Page - Cree, Inc

  C4SMF-BJF-CR0U0352 Datasheet HTML 1Page - Cree, Inc C4SMF-BJF-CR0U0352 Datasheet HTML 2Page - Cree, Inc C4SMF-BJF-CR0U0352 Datasheet HTML 3Page - Cree, Inc C4SMF-BJF-CR0U0352 Datasheet HTML 4Page - Cree, Inc C4SMF-BJF-CR0U0352 Datasheet HTML 5Page - Cree, Inc C4SMF-BJF-CR0U0352 Datasheet HTML 6Page - Cree, Inc C4SMF-BJF-CR0U0352 Datasheet HTML 7Page - Cree, Inc C4SMF-BJF-CR0U0352 Datasheet HTML 8Page - Cree, Inc C4SMF-BJF-CR0U0352 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
8
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
8
Cree 4-mm Oval LED
C4SMF-RJF/GJF/BJF
KIT NUMBER SYSTEM
All dimensions in mm.Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color,
forward voltage, and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to
the “Cree LED Lamp Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following man-
ner:
C C C C C - D X G - X H H K K M N T
D - C o l o r
C C C C C - P r o d u c t S e r i e s
G - O p t i o n
S : S t a n d o f f
N : N o S t a n d o f f
B : B l a c k F a c e
W : W h i t e F a c e
A : B l a c k B o d y
F : I r o n L e a d F r a m e w i t h S t a n d o f f
M - M i n . W a v e l e n g t h / C h r o m a t i c i t y R a n g e
R e f e r t o o r d e r c o d e t a b l e
N - M a x . W a v e l e n g t h / C h r o m a t i c i t y R a n g e
R : S e l e c t 1 h u e f r o m 4 h u e b i n s
S : S e l e c t 1 h u e f r o m 3 h u e b i n s
T : S e l e c t 1 h u e f r o m 2 h u e b i n s
U : S e l e c t 2 h u e f r o m 4 h u e b i n s
V : S e l e c t 2 h u e f r o m 3 h u e b i n s
T - P a c k a g i n g T y p e
1 : B u l k P a c k
2 : A m m o P a c k
3 : Ta p e & R e e l ( R o l l P a c k )
4 : T u b e P a c k
H H - M i n i m u m I n t e n s i t y B i n
R e f e r t o o r d e r c o d e t a b l e
K K - M a x i m u m I n t e n s i t y B i n
R e f e r t o o r d e r c o d e t a b l e
* P l e a s e c o n t a c t o u r s a l e s r e p r e s e n t a t i v e f o r o r d e r i n g i n f o r m a t i o n .


Similar Part No. - C4SMF-BJF-CR0U0352

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMF-BJS CREE-C4SMF-BJS Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-BJS-CR0U0351 CREE-C4SMF-BJS-CR0U0351 Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-BJS-CR0U0352 CREE-C4SMF-BJS-CR0U0352 Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-BJS-CR0U0451 CREE-C4SMF-BJS-CR0U0451 Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-BJS-CR0U0452 CREE-C4SMF-BJS-CR0U0452 Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
More results

Similar Description - C4SMF-BJF-CR0U0352

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
   Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMA-RGF CREE-C4SMA-RGF Datasheet
899Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMC-RGF CREE-C4SMC-RGF Datasheet
848Kb / 9P
   Cree Screen Master 4-mm Oval LED
C5SMF-RJF CREE-C5SMF-RJF Datasheet
941Kb / 11P
   Cree Screen Master 5-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com