Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1149B Datasheet(PDF) 15 Page - Skyworks Solutions Inc.

Part # AAT1149B
Description  Ultra-Small 0603 Inductor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT1149B Datasheet(HTML) 15 Page - Skyworks Solutions Inc.

Back Button AAT1149B Datasheet HTML 9Page - Skyworks Solutions Inc. AAT1149B Datasheet HTML 10Page - Skyworks Solutions Inc. AAT1149B Datasheet HTML 11Page - Skyworks Solutions Inc. AAT1149B Datasheet HTML 12Page - Skyworks Solutions Inc. AAT1149B Datasheet HTML 13Page - Skyworks Solutions Inc. AAT1149B Datasheet HTML 14Page - Skyworks Solutions Inc. AAT1149B Datasheet HTML 15Page - Skyworks Solutions Inc. AAT1149B Datasheet HTML 16Page - Skyworks Solutions Inc. AAT1149B Datasheet HTML 17Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
AAT1149B
2.2MHz FastTransient 400mA Step-Down Converter
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201989B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 18, 2013
Manufacturer
Part Number/Type
Inductance (μH)
Rated
Current (mA)
DCR (m)
Size (mm)
LxWxH
Taiyo Yuden
BRL2012
2.2
550
250
0805
(HMAX = 1mm)
CBC2518
Wire Wound Chip
2.2
890
130
2.5x1.8x1.8
Sumida
CDRH2D09
Shielded
2.5
440
150
3.2x3.2x1.0
Murata
LQM2MPN2R2NGOL
Unshielded
2.2
1200
110
2.0x1.6x0.95
Coiltronics
SD3118
Shielded
2.2
510
116
3.15x3.15x1.2
Table 1: Typical Surface Mount Inductors.
Manufacturer
Part Number
Value
Voltage
Temp. Co.
Case
Murata
GRM219R61A475KE19
4.7μF
10V
X5R
0805
Murata
GRM21BR60J106KE19
10μF
6.3V
X5R
0805
Murata
GRM185R60J475M
4.7μF
6.3V
X58
0603
Table 2: Surface Mount Capacitors.
1. For reduced quiescent current, R2 = 221k.


Similar Part No. - AAT1149B

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1149B ANALOGICTECH-AAT1149B Datasheet
1Mb / 17P
   2.2MHz Fast Transient 400mA Step-Down Converter
AAT1149BIUV-1.8-T1 ANALOGICTECH-AAT1149BIUV-1.8-T1 Datasheet
1Mb / 17P
   2.2MHz Fast Transient 400mA Step-Down Converter
More results

Similar Description - AAT1149B

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1149A SKYWORKS-AAT1149A Datasheet
1Mb / 17P
   Ultra-Small 0603 Inductor
logo
Anaren Microwave
BD2326L50200AHF ANAREN-BD2326L50200AHF Datasheet
198Kb / 5P
   Ultra Small Low Profile 0603 Balun
BD3150L50100AHF ANAREN-BD3150L50100AHF Datasheet
3Mb / 6P
   Ultra Small Low Profile 0603 Balun 50 to 100 Balanced
BD2326L50150A00 ANAREN-BD2326L50150A00 Datasheet
231Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 150廓 Balanced
BD2326L50200A00 ANAREN-BD2326L50200A00 Datasheet
232Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 200廓 Balanced
BD3150L50100A00 ANAREN-BD3150L50100A00 Datasheet
234Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 100廓 Balanced
BD4859L50150A00 ANAREN-BD4859L50150A00 Datasheet
233Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 150廓 Balanced
BD4859L50100A00 ANAREN-BD4859L50100A00 Datasheet
233Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 100廓 Balanced
B4859A53 ANAREN-B4859A53 Datasheet
218Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 100廓 Balanced
BD3150L50200A00 ANAREN-BD3150L50200A00 Datasheet
234Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 200廓 Balanced
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com