Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C5SMF-AJF Datasheet(PDF) 2 Page - Cree, Inc

Part # C5SMF-AJF
Description  Cree Screen Master 5-mm Oval LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C5SMF-AJF Datasheet(HTML) 2 Page - Cree, Inc

  C5SMF-AJF Datasheet HTML 1Page - Cree, Inc C5SMF-AJF Datasheet HTML 2Page - Cree, Inc C5SMF-AJF Datasheet HTML 3Page - Cree, Inc C5SMF-AJF Datasheet HTML 4Page - Cree, Inc C5SMF-AJF Datasheet HTML 5Page - Cree, Inc C5SMF-AJF Datasheet HTML 6Page - Cree, Inc C5SMF-AJF Datasheet HTML 7Page - Cree, Inc C5SMF-AJF Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
Cree 5-mm Oval LED
C5SMF-AJF/AJE
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current
I
F
50 Note1
mA
Peak Forward Current Note2
I
FP
200
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
130
mW
Operation Temperature
T
opr
-40 ~ +95
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 3 sec. max.
(3 mm from the base of the epoxy bulb)
Electrostatic Discharge
Classification (MIL-STD-883E)
ESD
Class 2
Note:
1. For long term performance the drive currents between 10mA and 30mA are recommended. Please contact CREE
sales representative for more information on recommended drive conditions.
2. Pulse width ≤0.1 msec, duty ≤1/10.
TYPICAL ELECTRICAL & OPTICAL CHARACTERISTICS (T
A = 25°C)
Characteristics
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
V
F
I
F = 20 mA
V
2.1
2.6
Reverse Current
I
R
V
R = 5 V
μA
100
Dominant Wavelength
λ
D
I
F = 20 mA
nm
584
591
596
Luminous Intensity
I
V
I
F = 20 mA
mcd
770
2100


Similar Part No. - C5SMF-AJF

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C5SMF-AJS CREE-C5SMF-AJS Datasheet
494Kb / 8P
   5-mm Oval LED
logo
Marktech Corporate
C5SMF-AJS MARKTECH-C5SMF-AJS Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
C5SMF-AJS MARKTECH-C5SMF-AJS Datasheet
494Kb / 8P
   Screen Master
logo
Cree, Inc
C5SMF-AJS-CS0V0251 CREE-C5SMF-AJS-CS0V0251 Datasheet
494Kb / 8P
   5-mm Oval LED
logo
Marktech Corporate
C5SMF-AJS-CS0V0251 MARKTECH-C5SMF-AJS-CS0V0251 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
More results

Similar Description - C5SMF-AJF

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C5SMF-RJF CREE-C5SMF-RJF Datasheet
941Kb / 11P
   Cree Screen Master 5-mm Oval LED
C566C-RFF CREE-C566C-RFF Datasheet
904Kb / 10P
   Cree Screen Master 5-mm Oval LED
C566D-RFF CREE-C566D-RFF Datasheet
860Kb / 12P
   Cree Screen Master 5-mm Oval LED
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
   Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
   Cree Screen Master 4-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com