Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62SF16101CSLF Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HY62SF16101CSLF
Description  HY62SF16101C Series 64Kx16bit full CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62SF16101CSLF Datasheet(HTML) 2 Page - Hynix Semiconductor

  HY62SF16101CSLF Datasheet HTML 1Page - Hynix Semiconductor HY62SF16101CSLF Datasheet HTML 2Page - Hynix Semiconductor HY62SF16101CSLF Datasheet HTML 3Page - Hynix Semiconductor HY62SF16101CSLF Datasheet HTML 4Page - Hynix Semiconductor HY62SF16101CSLF Datasheet HTML 5Page - Hynix Semiconductor HY62SF16101CSLF Datasheet HTML 6Page - Hynix Semiconductor HY62SF16101CSLF Datasheet HTML 7Page - Hynix Semiconductor HY62SF16101CSLF Datasheet HTML 8Page - Hynix Semiconductor HY62SF16101CSLF Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HY62SF16101C Series
Rev.04 /Mar. 02
2
DESCRIPTION
The HY62SF16101C is a high speed, super low
power and 1M bit full CMOS SRAM organized as
65,536 words by 16bit. The HY62SF16101C uses
high performance full CMOS process technology
and designed for high speed low power circuit
technology. It is particularly well suited for used in
high density low power system application. This
device has a data retention mode that guarantees
data to remain valid at a minimum power supply
voltage of 1.2V.
FEATURES
• Fully static operation and Tri-state output
• TTL compatible inputs and outputs
• Battery backup(LL/SL-part)
-. 1.2V(min) data retention
• Standard pin configuration
-. 48 - FBGA
Product
Voltage
Speed
Operation
Standby Current(uA)
No.
(V)
(ns)
Current/Icc(mA)
LL
SL
Temperature
(
°C)
HY62SF16101C
1.7~2.3
85/100/120
3
2
1
0~70
HY62SF16101C-I
1.7~2.3
85/100/120
3
2
1
-40~85(I)
Note 1. Blank : Commercial, I : Industrial
2. Current value is max.
PIN CONNECTION
BLOCK DIAGRAM
/LB
IO9
IO10
/OE A0
A1
A2
NC
/UB A3
A4
/CS IO1
IO11 A5
A6
IO2
IO3
Vss IO12 NC
A7
IO4
Vcc
Vcc IO13 NC
NC
IO5
Vss
IO15 IO14 A14 A15 IO6
IO7
IO16 NC
A12 A13 /WE IO8
NC
A8
A9
A10 A11 NC
48-FBGA(Top View)
PIN DESCRIPTION
Pin Name
Pin Function
Pin Name
Pin Function
/CS
Chip Select
I/O1~I/O16
Data Inputs/Outputs
/WE
Write Enable
A0~A15
Address Inputs
/OE
Output Enable
Vcc
Power(1.7V~2.3V)
/LB
Low Byte Control(I/O1~I/O8)
Vss
Ground
/UB
Upper Byte Control(I/O9~I/O16)
NC
No Connection
MEMORY ARRAY
128K x 16
ROW
DECODER
I/O1
I/O16
A0
A15
/CS
/OE
/LB
/UB
/WE


Similar Part No. - HY62SF16101CSLF

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16201A HYNIX-HY62SF16201A Datasheet
166Kb / 10P
   128Kx16bit full CMOS SRAM
HY62SF16201A-I HYNIX-HY62SF16201A-I Datasheet
166Kb / 10P
   128Kx16bit full CMOS SRAM
HY62SF16201ALLF HYNIX-HY62SF16201ALLF Datasheet
166Kb / 10P
   128Kx16bit full CMOS SRAM
HY62SF16201ALLF-I HYNIX-HY62SF16201ALLF-I Datasheet
166Kb / 10P
   128Kx16bit full CMOS SRAM
HY62SF16403A HYNIX-HY62SF16403A Datasheet
129Kb / 10P
   256Kx16bit full CMOS SRAM
More results

Similar Description - HY62SF16101CSLF

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62UF16101C HYNIX-HY62UF16101C Datasheet
170Kb / 10P
   64Kx16bit full CMOS SRAM
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62UF16806A HYNIX-HY62UF16806A Datasheet
218Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16404C HYNIX-HY62LF16404C Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
HY62UF16800B HYNIX-HY62UF16800B Datasheet
340Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16804A HYNIX-HY62UF16804A Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
HY62LF16206A HYNIX-HY62LF16206A Datasheet
283Kb / 11P
   128Kx16bit full CMOS SRAM
HY62LF16406C HYNIX-HY62LF16406C Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16404C HYNIX-HY62SF16404C Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
HY62UF16806B HYNIX-HY62UF16806B Datasheet
341Kb / 11P
   512Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com