Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62SF16101CLLF Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HY62SF16101CLLF
Description  HY62SF16101C Series 64Kx16bit full CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62SF16101CLLF Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY62SF16101CLLF Datasheet HTML 1Page - Hynix Semiconductor HY62SF16101CLLF Datasheet HTML 2Page - Hynix Semiconductor HY62SF16101CLLF Datasheet HTML 3Page - Hynix Semiconductor HY62SF16101CLLF Datasheet HTML 4Page - Hynix Semiconductor HY62SF16101CLLF Datasheet HTML 5Page - Hynix Semiconductor HY62SF16101CLLF Datasheet HTML 6Page - Hynix Semiconductor HY62SF16101CLLF Datasheet HTML 7Page - Hynix Semiconductor HY62SF16101CLLF Datasheet HTML 8Page - Hynix Semiconductor HY62SF16101CLLF Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HY62SF16101C Series
Rev.04 /Mar. 02
2
ORDERING INFORMATION
Part No.
Speed
Power
Temp.
Package
HY62SF16101CLLF
85/100/120
LL-part
FBGA
HY62SF16101CSLF
85/100/120
SL-part
FBGA
HY62SF16101CLLF-I
85/100/120
LL-part
I.
FBGA
HY62SF16101CSLF-I
85/100/120
SL-part
I.
FBGA
Note 1. Blank : Commercial, I : Industrial
ABSOLUTE MAXIMUM RATING (1)
Symbol
Parameter
Rating
Unit
Remark
VIN, VOUT
Input/Output Voltage
-0.2 to 3.6
V
Vcc
Power Supply
-0.2 to 4.6
V
TA
Operating Temperature
0 to 70
°C
HY62SF16101C
-40 to 85
°C
HY62SF16101C-I
TSTG
Storage Temperature
-55 to 150
°C
PD
Power Dissipation
1.0
W
TSOLDER
Lead Soldering Temperature & Time
260 10
°C sec
Note
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is stress rating only and the functional operation of the device under these or
any other conditions above those indicated in the operation of this specification is not implied.
Exposure to the absolute maximum rating conditions for extended period may affect reliability.
TRUTH TABLE
I/O
I/O1~I/O8
I/O9~I/O16
H
X
X
X
X
Deselected
High-Z
High-Z
Stand by
X
X
X
H
H
Deselected
High-Z
High-Z
Stand by
L
H
H
L
X
Output Disabled
High-Z
High-Z
Active
L
H
H
X
L
Output Disabled
High-Z
High-Z
Active
L
H
L
L
H
DOUT
Hi-Z
H
L
Read
Hi-Z
DOUT
Active
L
L
DOUT
DOUT
L
L
X
L
H
DIN
Hi-Z
H
L
Write
Hi-Z
DIN
Active
L
L
DIN
DIN
Note:
1. H=VIH, L=VIL, X=don't care(VIH or VIL)
2. /UB, /LB(Upper, Lower Byte enable)
These active LOW inputs allow individual bytes to be written or read.
When /LB is LOW, data is written or read to the lower byte, I/O 1 -I/O 8.
When /UB is LOW, data is written or read to the Upper byte, I/O 9 -I/O 16.
/CS
/WE
/OE
/LB
/UB
Mode
Power


Similar Part No. - HY62SF16101CLLF

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16201A HYNIX-HY62SF16201A Datasheet
166Kb / 10P
   128Kx16bit full CMOS SRAM
HY62SF16201A-I HYNIX-HY62SF16201A-I Datasheet
166Kb / 10P
   128Kx16bit full CMOS SRAM
HY62SF16201ALLF HYNIX-HY62SF16201ALLF Datasheet
166Kb / 10P
   128Kx16bit full CMOS SRAM
HY62SF16201ALLF-I HYNIX-HY62SF16201ALLF-I Datasheet
166Kb / 10P
   128Kx16bit full CMOS SRAM
HY62SF16403A HYNIX-HY62SF16403A Datasheet
129Kb / 10P
   256Kx16bit full CMOS SRAM
More results

Similar Description - HY62SF16101CLLF

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62UF16101C HYNIX-HY62UF16101C Datasheet
170Kb / 10P
   64Kx16bit full CMOS SRAM
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62UF16806A HYNIX-HY62UF16806A Datasheet
218Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16404C HYNIX-HY62LF16404C Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
HY62UF16800B HYNIX-HY62UF16800B Datasheet
340Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16804A HYNIX-HY62UF16804A Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
HY62LF16206A HYNIX-HY62LF16206A Datasheet
283Kb / 11P
   128Kx16bit full CMOS SRAM
HY62LF16406C HYNIX-HY62LF16406C Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16404C HYNIX-HY62SF16404C Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
HY62UF16806B HYNIX-HY62UF16806B Datasheet
341Kb / 11P
   512Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com