Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1135LU2015 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1135LU2015
Description  3V 3-in-1 High-Speed Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1135LU2015 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1135LU2015 Datasheet HTML 1Page - Dallas Semiconductor DS1135LU2015 Datasheet HTML 2Page - Dallas Semiconductor DS1135LU2015 Datasheet HTML 3Page - Dallas Semiconductor DS1135LU2015 Datasheet HTML 4Page - Dallas Semiconductor DS1135LU2015 Datasheet HTML 5Page - Dallas Semiconductor DS1135LU2015 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
011402
FEATURES
§ All-silicon timing circuit
§ Three independent buffered delays
§ Stable and precise over temperature and
voltage
§ Leading and trailing edge precision preserves
the input symmetry
§ Standard 8-pin SO
(150mil), and 8-Pin µSOP (118mil)
§ Vapor phase and IR reflow solderable
§ Available in Tape and Reel
§ Delays specified over both commercial and
industrial temperature ranges
§ 3V operation
§ Recommended replacement for DS1033
PIN ASSIGNMENT
PIN DESCRIPTION
IN1-IN3
- Input Signals
OUT1-OUT3
- Output Signals
VCC
- +3V Supply
GND
- Ground
DESCRIPTION
The DS1135L series is a low-power, 3V high-speed version of the popular DS1013, DS1033, DS1035
series.
The DS1135L series of delay lines have three independent logic buffered delays in a single package. The
device is Dallas Semiconductor’s fastest 3-in-1 delay line. It is available in a standard 8-pin 118mil
µSOP and 150mil 8-pin Mini-SO.
The device features precise leading and trailing edge accuracy. It has the inherent reliability of an all-
silicon delay line solution.
Standard delay values are indicated in Table 1. Customers may contact Dallas Semiconductor at (972)
371-4348 for further information on custom delay values.
DS1135L
3V 3-in-1 High-Speed
Silicon Delay Line
www.maxim-ic.com
DS1135LZ 8-Pin SO (150mil)
DS1135LU 8-Pin µSOP (118mil)
See Mech. Drawings Section
1
2
3
4
7
8
6
5
IN2
GND
IN3
IN1
VCC
OUT1
OUT2
OUT3


Similar Part No. - DS1135LU2015

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1135L MAXIM-DS1135L Datasheet
316Kb / 7P
   3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
DS1135LZ-10++ MAXIM-DS1135LZ-10+ Datasheet
316Kb / 7P
   3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
DS1135LZ-12++ MAXIM-DS1135LZ-12+ Datasheet
316Kb / 7P
   3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
DS1135LZ-15++ MAXIM-DS1135LZ-15+ Datasheet
316Kb / 7P
   3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
DS1135LZ-20++ MAXIM-DS1135LZ-20+ Datasheet
316Kb / 7P
   3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
More results

Similar Description - DS1135LU2015

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1135L MAXIM-DS1135L Datasheet
316Kb / 7P
   3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
logo
Dallas Semiconductor
DS1135 DALLAS-DS1135 Datasheet
68Kb / 6P
   3-in-1 High-Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1135 MAXIM-DS1135 Datasheet
312Kb / 7P
   3-in-1 High-Speed Silicon Delay Line
19-6411; Rev 8/12
logo
Dallas Semiconductor
DS1044 DALLAS-DS1044 Datasheet
35Kb / 6P
   4-in-1 High-Speed Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1013 MAXIM-MXD1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
19-0394; Rev 0; 12/97
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
111799
DS1035 MAXIM-DS1035 Datasheet
55Kb / 6P
   3-in-1 High?밪peed Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1035 DALLAS-DS1035 Datasheet
50Kb / 6P
   3-in-1 High.Speed Silicon Delay Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com