Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62SF16101C Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HY62SF16101C
Description  HY62SF16101C Series 64Kx16bit full CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62SF16101C Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HY62SF16101C Datasheet HTML 2Page - Hynix Semiconductor HY62SF16101C Datasheet HTML 3Page - Hynix Semiconductor HY62SF16101C Datasheet HTML 4Page - Hynix Semiconductor HY62SF16101C Datasheet HTML 5Page - Hynix Semiconductor HY62SF16101C Datasheet HTML 6Page - Hynix Semiconductor HY62SF16101C Datasheet HTML 7Page - Hynix Semiconductor HY62SF16101C Datasheet HTML 8Page - Hynix Semiconductor HY62SF16101C Datasheet HTML 9Page - Hynix Semiconductor HY62SF16101C Datasheet HTML 10Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HY62SF16101C Series
Rev.04 /Mar. 02
6
WRITE CYCLE 1(1,4,8) (/WE Controlled)
WRITE CYCLE 2 (Note 1,4,8) (/CS Controlled)
Notes:
1. A write occurs during the overlap of a low /WE, a low /CS1 and low /UB and/or /LB.
2. tWR is measured from the earlier of /CS, /LB, /UB, or /WE going high to the end of write cycle.
3. During this period, I/O pins are in the output state so that the input signals of opposite phase to the
output must not be applied.
4. If the /CS, /LB and /UB low transition occur simultaneously with the /WE low transition or after the
/WE transition, outputs remain in a high impedance state.
5. Q(data out) is the same phase with the write data of this write cycle.
6. Q(data out) is the read data of the next address.
7. Transition is measured +200mV from steady state.
This parameter is sampled and not 100% tested.
8. /CS in high for the standby, low for active
/UB and /LB in high for the standby, low for active
Data Valid
ADDR
Data
Out
/CS
/UB,/LB
/WE
tWC
tCW
tWR(2)
tBW
tAW
tWP
Data In
High-Z
tAS
tWHZ(3,7)
tDW
tDH
tOW
(5)
(6)
Data Valid
ADDR
Data
Out
/CS
/UB,/LB
/WE
tWC
tCW
tWR(2)
tBW
tAW
tWP
Data In
tDW
tDH
High-Z
High-Z
tAS


Similar Part No. - HY62SF16101C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16201A HYNIX-HY62SF16201A Datasheet
166Kb / 10P
   128Kx16bit full CMOS SRAM
HY62SF16201A-I HYNIX-HY62SF16201A-I Datasheet
166Kb / 10P
   128Kx16bit full CMOS SRAM
HY62SF16201ALLF HYNIX-HY62SF16201ALLF Datasheet
166Kb / 10P
   128Kx16bit full CMOS SRAM
HY62SF16201ALLF-I HYNIX-HY62SF16201ALLF-I Datasheet
166Kb / 10P
   128Kx16bit full CMOS SRAM
HY62SF16403A HYNIX-HY62SF16403A Datasheet
129Kb / 10P
   256Kx16bit full CMOS SRAM
More results

Similar Description - HY62SF16101C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62UF16101C HYNIX-HY62UF16101C Datasheet
170Kb / 10P
   64Kx16bit full CMOS SRAM
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62UF16806A HYNIX-HY62UF16806A Datasheet
218Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16404C HYNIX-HY62LF16404C Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
HY62UF16800B HYNIX-HY62UF16800B Datasheet
340Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16804A HYNIX-HY62UF16804A Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
HY62LF16206A HYNIX-HY62LF16206A Datasheet
283Kb / 11P
   128Kx16bit full CMOS SRAM
HY62LF16406C HYNIX-HY62LF16406C Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16404C HYNIX-HY62SF16404C Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
HY62UF16806B HYNIX-HY62UF16806B Datasheet
341Kb / 11P
   512Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com