Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723626 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT723626
Description  CMOS TRIPLE BUS SyncFIFO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT723626 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT723626_14 Datasheet HTML 3Page - Integrated Device Technology IDT723626_14 Datasheet HTML 4Page - Integrated Device Technology IDT723626_14 Datasheet HTML 5Page - Integrated Device Technology IDT723626_14 Datasheet HTML 6Page - Integrated Device Technology IDT723626_14 Datasheet HTML 7Page - Integrated Device Technology IDT723626_14 Datasheet HTML 8Page - Integrated Device Technology IDT723626_14 Datasheet HTML 9Page - Integrated Device Technology IDT723626_14 Datasheet HTML 10Page - Integrated Device Technology IDT723626_14 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
IDT723626/723636/723646 CMOS TRIPLE BUS SyncFIFO™
WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 and 1,024 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
DETERMINING ACTIVE CURRENT CONSUMPTION AND POWER DISSIPATION
The ICC(f) current for the graph in Figure 1 was taken while simultaneously reading and writing a FIFO on the IDT723626/723636/723646 with CLKA,
CLKB and CLKC set to fS. All data inputs and data outputs change state during each clock cycle to consume the highest supply current. Data outputs were
disconnectedtonormalizethegraphtoazerocapacitanceload.Oncethecapacitanceloadperdata-outputchannelandthenumberofIDT723626/723636/
723646 inputs driven by TTL HIGH levels are known, the power dissipation can be calculated with the equation below.
CALCULATING POWER DISSIPATION
With ICC(f) taken from Figure 1, the maximum power dissipation (PT) of these FIFOs may be calculated by:
PT = VCC x [ICC(f) + (N x
ΔICC x dc)] + Σ(CL x VCC2 X fo)
N
where:
N
=
number of inputs driven by TTL levels
ΔICC =
increase in power supply current for each input at a TTL HIGH level
dc
=
duty cycle of inputs at a TTL HIGH level of 3.4V
CL
=
output capacitance load
fo
=
switchingfrequencyofanoutput
Figure 1. Typical Characteristics: Supply Current (ICC) vs. Clock Frequency (fS)
010
20
30
40
50
60
70
0
50
100
250
300
VCC = 5.5V
3271 drw02a
200
150
80
90
VCC = 4.5V
VCC = 5.0V
fdata = 1/2 fS
TA = 25
°C
CL = 0 pF
fS
Clock Frequency MHz


Similar Part No. - IDT723626_14

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723626L12PF IDT-IDT723626L12PF Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723626L15PF IDT-IDT723626L15PF Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723626L15PFG RENESAS-IDT723626L15PFG Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT723626L15PFG8 RENESAS-IDT723626L15PFG8 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
More results

Similar Description - IDT723626_14

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723656 IDT-IDT723656_09 Datasheet
341Kb / 39P
   CMOS TRIPLE BUS SyncFIFO
IDT723626 IDT-IDT723626 Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
IDT723653 IDT-IDT723653 Datasheet
323Kb / 29P
   CMOS SyncFIFO WITH BUS-MATCHING
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com