Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72421 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72421
Description  CMOS SyncFIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72421 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72421_13 Datasheet HTML 1Page - Integrated Device Technology IDT72421_13 Datasheet HTML 2Page - Integrated Device Technology IDT72421_13 Datasheet HTML 3Page - Integrated Device Technology IDT72421_13 Datasheet HTML 4Page - Integrated Device Technology IDT72421_13 Datasheet HTML 5Page - Integrated Device Technology IDT72421_13 Datasheet HTML 6Page - Integrated Device Technology IDT72421_13 Datasheet HTML 7Page - Integrated Device Technology IDT72421_13 Datasheet HTML 8Page - Integrated Device Technology IDT72421_13 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
©
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72421/72201/72211/72221/72231/72241/72251 CMOS SyncFIFO™
64 x 9, 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
OUTPUT ENABLE (OE)
When Output Enable (OE) is enabled (LOW), the parallel output buffers
receive data from the output register. When Output Enable (OE) is disabled
(HIGH), the Q output data bus is in a high-impedance state.
WRITE ENABLE 2/LOAD (WEN2/LD)
This is a dual-purpose pin. The FIFO is configured at Reset to have
programmableflagsortohavetwowriteenables,whichallowsdepthexpansion.
IfWriteEnable2/Load(WEN2/LD)issetHIGHatReset(RS =LOW),thispin
operates as a second write enable pin.
If the FIFO is configured to have two write enables, when Write Enable
(WEN1) is LOW and Write Enable 2/Load (WEN2/LD) is HIGH, data can be
loaded into the input register and RAM array on the LOW-to-HIGH transition
ofeveryWriteClock(WCLK). DataisstoredintheRAMarraysequentiallyand
independently of any ongoing read operation.
In this configuration, when Write Enable (WEN1) is HIGH and/or Write
Enable2/Load(WEN2/LD)isLOW,theinputregisterholdsthepreviousdata
and no new data is allowed to be loaded into the register.
Topreventdataoverflow,theFullFlag(FF)willgoLOW,inhibitingfurther
writeoperations. Uponthecompletionofavalidreadcycle,theFullFlag(FF)
willgoHIGHaftertWFF,allowingavalidwritetobegin. WriteEnable1(WEN1)
and Write Enable 2/Load (WEN2/LD) are ignored when the FIFO is full.
TheFIFOisconfiguredtohaveprogrammableflagswhentheWriteEnable
2/Load (WEN2/LD) is set LOW at Reset (RS=LOW). The IDT72421/72201/
72211/72221/72231/72241/72251devicescontainfour8-bitoffsetregisters
whichcanbeloadedwithdataontheinputs,orreadontheoutputs. SeeFigure
3 for details of the size of the registers and the default values.
IftheFIFOisconfiguredtohaveprogrammableflagswhentheWriteEnable
1(WEN1)andWriteEnable2/Load(WEN2/LD)aresetLOW,dataontheinputs
DiswrittenintotheEmpty(LeastSignificantBit)OffsetregisteronthefirstLOW-
to-HIGHtransitionoftheWriteClock(WCLK). DataiswrittenintotheEmpty(Most
SignificantBit)OffsetregisteronthesecondLOW-to-HIGHtransitionoftheWrite
Clock (WCLK), into the Full (Least Significant Bit) Offset register on the third
transition, and into the Full (Most Significant Bit) Offset register on the fourth
transition. ThefifthtransitionoftheWriteClock(WCLK)againwritestotheEmpty
(LeastSignificantBit)Offsetregister.
However,writingalloffsetregistersdoesnothavetooccuratonetime. One
ortwooffsetregisterscanbewrittenandthenbybringingtheWriteEnable2/
Load (WEN2/LD) pin HIGH, the FIFO is returned to normal read/write
operation. WhentheWriteEnable2/Load(WEN2/LD)pinissetLOW,theWrite
Enable 1 (WEN1) is LOW, the next offset register in sequence is written.
SIGNAL DESCRIPTIONS
INPUTS:
DATA IN (D0 - D8)
Data inputs for 9-bit wide data.
CONTROLS:
RESET (RS)
Reset is accomplished whenever the Reset (RS) input is taken to a LOW
state. During reset, both internal read and write pointers are set to the first
location. A reset is required after power-up before a write operation can take
place. TheFullFlag(FF)andProgrammableAlmost-Fullflag(PAF)willbereset
to HIGH after tRSF. The Empty Flag (EF) and Programmable Almost-Empty
flag(PAE)willberesettoLOWaftertRSF. Duringreset,theoutputregisteris
initializedtoallzerosandtheoffsetregistersareinitializedtotheirdefaultvalues.
WRITE CLOCK (WCLK)
AwritecycleisinitiatedontheLOW-to-HIGHtransitionoftheWriteClock
(WCLK). DatasetupandholdtimesmustbemetinrespecttotheLOW-to-HIGH
transition of WCLK. The Full Flag (FF) and Programmable Almost-Full flag
(PAF)aresynchronizedwithrespecttotheLOW-to-HIGHtransitionofWCLK.
The Write and Read Clocks can be asynchronous or coincident.
WRITE ENABLE 1 (WEN1)
If the FIFO is configured for programmable flags, Write Enable 1 (WEN1)
istheonlyenablecontrolpin. Inthisconfiguration,whenWriteEnable1(WEN1)
isLOW,datacanbeloadedintotheinputregisterandRAMarrayontheLOW-
to-HIGHtransitionofeveryWriteClock(WCLK). DataisstoredintheRAMarray
sequentially and independently of any ongoing read operation.
Inthisconfiguration,whenWriteEnable1(WEN1)isHIGH,theinputregister
holdsthepreviousdataandnonewdataisallowedtobeloadedintotheregister.
IftheFIFOisconfiguredtohavetwowriteenables,whichallowsfordepth
expansion,therearetwoenablecontrolpins. SeeWriteEnable2paragraph
belowforoperationinthisconfiguration.
Topreventdataoverflow,theFullFlag(FF)willgoLOW,inhibitingfurther
writeoperations. Uponthecompletionofavalidreadcycle,theFullFlag(FF)
willgoHIGHaftertWFF,allowingavalidwritetobegin. WriteEnable1(WEN1)
is ignored when the FIFO is full.
READ CLOCK (RCLK)
DatacanbereadontheoutputsontheLOW-to-HIGHtransitionoftheRead
Clock (RCLK). The Empty Flag (EF) and Programmable Almost-Empty flag
(PAE)aresynchronizedwithrespecttotheLOW-to-HIGHtransitionofRCLK.
The Write and Read Clocks can be asynchronous or coincident.
READ ENABLES (REN1, REN2)
When both Read Enables (REN1, REN2) are LOW, data is read from the
RAM array to the output register on the LOW-to-HIGH transition of the Read
Clock (RCLK).
WheneitherReadEnable(REN1,REN2)isHIGH,theoutputregisterholds
the previous data and no new data is allowed to be loaded into the register.
When all the data has been read from the FIFO, the Empty Flag (EF) will
go LOW, inhibiting further read operations. Once a valid write operation has
been accomplished, the Empty Flag (EF) will go HIGH after tREF and a valid
readcanbegin. TheReadEnables(REN1,REN2)areignoredwhentheFIFO
isempty.
LD
WEN1
WCLK
Selection
0
0
EmptyOffset(LSB)
Empty Offset (MSB)
Full Offset (LSB)
Full Offset (MSB)
0
1
No Operation
1
0
Write Into FIFO
1
1
No Operation
NOTE:
1. For the purposes of this table, WEN2 = VIH.
2. The same selection sequence applies to reading from the registers. REN1 and REN2
are enabled and read is performed on the LOW-to-HIGH transition of RCLK.
Figure 2. Write Offset Register


Similar Part No. - IDT72421_13

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72421L10J IDT-IDT72421L10J Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L10JI IDT-IDT72421L10JI Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L10PF IDT-IDT72421L10PF Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L10PFI IDT-IDT72421L10PFI Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L12J IDT-IDT72421L12J Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
More results

Similar Description - IDT72421_13

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72205LB IDT-IDT72205LB_13 Datasheet
338Kb / 16P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com