Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM391N-100 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM391N-100
Description  LM391 Audio Power Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM391N-100 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM391N-100 Datasheet HTML 1Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 2Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 3Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 4Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 5Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 6Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 7Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 8Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
External Components (Figure 1)
Component
Typical Value
Comments
CIN
1 mF
Input coupling capacitor sets a low frequency pole with RIN
fL e
1
2qRINCIN
RIN
100k
Sets input impedance and DC bias to input
Rf2
100k
Feedback resistor for minimum offset voltage at the output this should be equal to RIN
Rf1
51k
Feedback resistor that works with Rf2 to set the voltage gain
AV e 1 a
Rf2
Rf1
Cf
10 mF
Feedback capacitor This reduces the gain to unity at DC for minimum offset voltage at the
output Also sets a low frequency pole with Rf1
fL e
1
2qRf1Cf
CC
5 pF
Compensation capacitor Sets gain bandwidth product and a high frequency pole
GBW e
1
2q5000CC
fh e
GBW
AV
Max fh for stable design
500 kHz
RA
39k
AB bias resistor
RB
10k
AB bias potentiometer Adjust to set bias current in the output stage
CAB
01 mF
Bypass capacitor for bias This improves high frequency distortion and transient response
CR
5 pF
Ripple capacitor This improves negative supply rejection at midband and high frequencies
CR if used must equal CC
Reb
100X
Bleed resistor This removes stored charge in output transistors
RO
27X
Output compensation resistor This resistor and CO compensate the output stage This value
will vary slightly for different output devices
CO
01 mF
Output compensation capacitor This works with RO to form a zero that cancels fb of the
output power transistors
RE
03X
Emitter degeneration resistor This resistor gives thermal stability to the output stage
quiescent current IRC PW5 type
RTH
39k
Shutdown resistor Sets the amount of current pulled out of pin 14 during shutdown
C2 C 2
1000 pF
Compensation capacitors for protection circuitry
XL
10X
ll5 mH
Used to isolate capacitive loads usually 20 turns of wire wrapped around a 10X 2W resistor
4


Similar Part No. - LM391N-100

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM391 SEOUL-LM391 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM391 SEOUL-LM391 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM391 SEOUL-LM391 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM391 SEOUL-LM391 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM391 SEOUL-LM391 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LM391N-100

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
SA1 RFSOLUTIONS-SA1 Datasheet
708Kb / 2P
   Audio Power Driver
logo
SHENZHEN FUMAN ELECTRON...
SC0030 FUMAN-SC0030 Datasheet
405Kb / 11P
   Audio driver
logo
Unisonic Technologies
2SC2235 UTC-2SC2235_15 Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE
logo
Toshiba Semiconductor
2SC2235 TOSHIBA-2SC2235 Datasheet
151Kb / 2P
   TRANSISTOR (AUDIO POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
logo
Unisonic Technologies
2SC2235 UTC-2SC2235 Datasheet
115Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
2SC2235 UTC-2SC2235_09 Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC3665 TOSHIBA-2SC3665_04 Datasheet
116Kb / 3P
   Audio Power Amplifier Applications Driver-Stage Amplifier Applications
logo
Rohm
BA3576FS ROHM-BA3576FS Datasheet
139Kb / 8P
   Low power consumption headphone driver for digital audio
BA3577FS ROHM-BA3577FS Datasheet
159Kb / 10P
   Low power consumption headphone driver for digital audio
logo
Texas Instruments
LME49810TB TI1-LME49810TB Datasheet
876Kb / 22P
[Old version datasheet]   200V Audio Power Amplifier Driver with Baker Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com