Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG82FX564AE Datasheet(PDF) 84 Page - Megawin Technology Co., Ltd

Part # MG82FX564AE
Description  Dual data pointer
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MG82FX564AE Datasheet(HTML) 84 Page - Megawin Technology Co., Ltd

Back Button MG82FX564AE Datasheet HTML 80Page - Megawin Technology Co., Ltd MG82FX564AE Datasheet HTML 81Page - Megawin Technology Co., Ltd MG82FX564AE Datasheet HTML 82Page - Megawin Technology Co., Ltd MG82FX564AE Datasheet HTML 83Page - Megawin Technology Co., Ltd MG82FX564AE Datasheet HTML 84Page - Megawin Technology Co., Ltd MG82FX564AE Datasheet HTML 85Page - Megawin Technology Co., Ltd MG82FX564AE Datasheet HTML 86Page - Megawin Technology Co., Ltd MG82FX564AE Datasheet HTML 87Page - Megawin Technology Co., Ltd MG82FX564AE Datasheet HTML 88Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 151 page
background image
84
MG82FEL564 Data Sheet
MEGAWIN
14.4. Operation Modes of the PCA
Table 14-1 shows the CCAPMn register settings for the various PCA functions.
Table 14-1. PCA Module Modes
ECOMn CAPPn CAPNn MATn
TOGn PWMn ECCFn Module Function
0
0
0
0
0
0
0
No operation
X
1
0
0
0
0
X
16-bit capture by a positive-edge trigger on CEXn
X
0
1
0
0
0
X
16-bit capture by a negative-edge trigger on CEXn
X
1
1
0
0
0
X
16-bit capture by a transition on CEXn
1
0
0
1
0
0
X
16-bit Software Timer
1
0
0
1
1
0
X
16-bit High Speed Output
1
0
0
0
0
1
0
8-bit Pulse Width Modulator (PWM)
14.4.1. Capture Mode
To use one of the PCA modules in the capture mode, either one or both of the bits CAPN and CAPP for that
module must be set. The external CEX input for the module is sampled for a transition. When a valid transition
occurs the PCA hardware loads the value of the PCA counter registers (CH and CL) into the module‘s capture
registers (CCAPnL and CCAPnH). If the CCFn and the ECCFn bits for the module are both set, an interrupt will
be generated.
Figure 14-4. PCA Capture Mode
CCF0
CCF1
CCF2
CCF3
CCF4
CCF5
CR
CF
CCON
ECCFn
PWMn
TOGn
MATn
CAPNn
CAPPn
ECOMn
--
CCAPMn, n= 0 to 5
CCAPnL
CCAPnH
CH
CL
Capture
CEXn
(To CCFn)
PCA Timer/Counter
PCA Interrupt
0
0
0
0
1
1
CAPPn or CAPNn =1
14.4.2. 16-bit Software Timer Mode
The PCA modules can be used as software timers by setting b
oth the ECOM and MAT bits in the module‘s
CCAPMn register. The PCA timer will be compared to the module‘s capture registers, and when a match occurs
an interrupt will occur if the CCFn and the ECCFn bits for the module are both set.


Similar Part No. - MG82FX564AE

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG82FX532AD MEGAWIN-MG82FX532AD Datasheet
2Mb / 151P
   Dual data pointer
MG82FX532AE MEGAWIN-MG82FX532AE Datasheet
2Mb / 151P
   Dual data pointer
MG82FX532AF MEGAWIN-MG82FX532AF Datasheet
2Mb / 151P
   Dual data pointer
More results

Similar Description - MG82FX564AE

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG82FE308 MEGAWIN-MG82FE308 Datasheet
2Mb / 94P
   Dual data pointer
MG82FX532AE MEGAWIN-MG82FX532AE Datasheet
2Mb / 151P
   Dual data pointer
logo
Sensortechnics GmbH
LD63F5S-A SENSORTECHNICS-LD63F5S-A Datasheet
1Mb / 6P
   Laser Pointer
LD63D4S-A SENSORTECHNICS-LD63D4S-A Datasheet
642Kb / 6P
   Laser Pointer
LD65D7S-A SENSORTECHNICS-LD65D7S-A Datasheet
1Mb / 4P
   Laser Pointer
LD63G5S-A SENSORTECHNICS-LD63G5S-A Datasheet
326Kb / 4P
   Laser Pointer
LD63D5S-A SENSORTECHNICS-LD63D5S-A Datasheet
1Mb / 6P
   Laser Pointer
LD65D5S-A SENSORTECHNICS-LD65D5S-A Datasheet
1Mb / 6P
   Laser Pointer
logo
Roithner LaserTechnik G...
ROITHNER450 ROITHNER-ROITHNER450 Datasheet
382Kb / 2P
   Blue Laser Pointer
CSI-405 ROITHNER-CSI-405 Datasheet
36Kb / 1P
   Violet Laser Pointer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com