Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1340U-33+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1340U-33+
Description  I2C RTC with Trickle Charger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1340U-33+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1340U-33+ Datasheet HTML 1Page - Maxim Integrated Products DS1340U-33+ Datasheet HTML 2Page - Maxim Integrated Products DS1340U-33+ Datasheet HTML 3Page - Maxim Integrated Products DS1340U-33+ Datasheet HTML 4Page - Maxim Integrated Products DS1340U-33+ Datasheet HTML 5Page - Maxim Integrated Products DS1340U-33+ Datasheet HTML 6Page - Maxim Integrated Products DS1340U-33+ Datasheet HTML 7Page - Maxim Integrated Products DS1340U-33+ Datasheet HTML 8Page - Maxim Integrated Products DS1340U-33+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
I2C RTC with Trickle Charger
_____________________________________________________________________
3
RECOMMENDED DC OPERATING CONDITIONS
(VCC = VCC MIN to VCC MAX, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 3.3V, TA = +25°C, unless
otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DS1340-18
1.71
1.8
1.89
DS1340-3
2.7
3.0
3.3
Supply Voltage (Note 8)
VCC
DS1340-33
2.97
3.3
5.5
V
Input Logic 1 (SDA, SCL)
VIH
(Note 8)
0.7 x VCC
VCC + 0.3
V
Input Logic 0 (SDA, SCL)
VIL
(Note 8)
-0.3
+0.3 x VCC
V
Supply Voltage, Pullup
(FT/OUT, SDA, SCL), VCC = 0V
VPU
(Note 8)
5.5
V
DS1340-18
1.3
3.7
DS1340-3
1.3
3.7
Backup Supply Voltage (Note 8)
VBACKUP
DS1340-33
1.3
5.5
V
R1
(Notes 9, 10)
250
R2
(Note 11)
2000
Trickle-Charge Current-Limiting
Resistors
R3
(Note 12)
4000
DS1340-18
1.51
1.6
1.71
DS1340-3
2.45
2.6
2.7
Power-Fail Voltage (Note 8)
VPF
DS1340-33
2.70
2.88
2.97
V
Input Leakage (SCL, CLK)
ILI
-1
+1
µA
I/O Leakage (SDA, FT/OUT)
ILO
-1
+1
µA
VCC > 2V; VOL = 0.4V
3.0
SDA Logic 0 Output
IOLSDA
1.7V < VCC < 2V; VOL = 0.2 x VCC
3.0
mA
VCC > 2V; VOL = 0.4V
3.0
1.7V < VCC < 2V; VOL = 0.2 x VCC
3.0
mA
FT/OUT Logic 0 Output
IOLSQW
1.3V < VCC < 1.7V; VOL = 0.2x VCC
250
µA
DS1340-18
72
150
DS1340-3
108
200
Active Supply Current (Note 13)
ICCA
DS1340-33
192
300
µA
DS1340-18
60
100
DS1340-3
81
125
Standby Current (Note 14)
ICCS
DS1340-33
100
150
µA
VBACKUP Leakage Current
IBACKUPLKG VBACKUP = 3.7V
100
nA
DC ELECTRICAL CHARACTERISTICS
(VCC = 0V, VBACKUP = 3.7V, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IBACKUP1
OSC ON, FT = 0 (Note 15)
800
1150
IBACKUP2
OSC ON, FT = 1 (Note 15)
850
1250
VBACKUP Current
IBACKUP3
OSC ON, FT = 0, VBACKUP = 3.0V,
TA = +25°C (Notes 15, 16)
800
1000
nA
VBACKUP Data-Retention Current
IBACKUPDR OSC OFF
25.0
100
nA


Similar Part No. - DS1340U-33+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340U-33++ MAXIM-DS1340U-33+ Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
More results

Similar Description - DS1340U-33+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com