Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CUA-42-70010 Datasheet(PDF) 2 Page - Tyco Electronics

Part # CUA-42-70010
Description  Delay on operate timing mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CUA-42-70010 Datasheet(HTML) 2 Page - Tyco Electronics

  CUA-42-70010 Datasheet HTML 1Page - Tyco Electronics CUA-42-70010 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1232
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
P&B
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
CU Ordering Information – Authorized distributors are more likely to stock boldface items listed below.
Wiring Diagrams – Bottom Views
Outline Dimensions
Voltage
Time
Adjustment
Wiring Dia.
Part Number
1 to 10 Sec.
CUF-41-70010
1 to 10 Sec.
CUF-42-70010
120VAC
1 to 30 Sec.
Resistor
2
CUF-41-70030
1 to 120 Sec.
CUF-41-70120
1 to 120 Sec.
CUF-42-70120
1 to 10 Sec.
CUH-41-30010
1 to 10 Sec.
CUH-42-30010
24VDC
1 to 120 Sec.
Resistor
2
CUH-41-30120
1 to 120 Sec.
CUH-42-30120
41 style models (e.g. CUA-41-70010) have plain case.
42 style models (e.g. CUA-42-70010) have bracket mount case.
51 style models (e.g. CUB-51-70010) have plain case with knob.
Voltage
Time
Adjustment
Wiring Dia.
Part Number
24VAC
10 Sec.
Fixed
1
CUA-41-30010
1 to 10 Sec.
CUF-41-30010
24VAC
1 to 10 Sec.
Resistor
2
CUF-42-30010
1 to 10 Sec.
CUB-51-70010
120VAC
1 to 30 Sec.
Knob
1
CUB-51-70030
1 to 60 Sec.
CUB-51-70060
1 to 120 Sec.
CUB-51-70120
1 Sec.
CUA-41-70001
3 Sec.
CUA-41-70003
3 Sec.
CUA-42-70003
120VAC
5 Sec.
Fixed
1
CUA-41-70005
10 Sec.
CUA-41-70010
10 Sec.
CUA-42-70010
30 Sec.
CUA-42-70030
120 Sec.
CUA-41-70120
12
3
45
6
78
9
A
B
51 Style
.125
(3.18)
.078
(1.98)
.187 ± .002
(4.75 ± .05)
.250
(6.35)
HEADER
.281 REF.
(7.14)
THICKNESS 0.20
(.51)
Terminal Dimensions
.187" (4.74mm)
Quick Connect/Solder
1.906 MAX.
(48.41)
.281 REF.
(7.14)
2.500
(63.50)
.312 TYP.
(7.92)
1.531 MAX.
(38.89)
.645 TYP.
(15.88)
.375
(9.53)
1.906 MAX.
(48.41)
2.90 MAX.
(73.66)
.437
(11.10)
.078 R TYP.
(1.98)
.75 ± .015
(19.05 ± .38)
1.406 MAX.
(35.71)
.07
(1.78)
.06
(1.52)
.625 MAX.
(15.88)
2.156 MAX.
(15.46)
.281 REF.
(7.14)
42 & 45 Style
41 Style
1.531 MAX.
(38.89)
1.406 MAX.
(35.71)
SEATED HEIGHT ABOVE
CHASSIS MOUNTED
IN SOCKET : (57.2mm)
+
-
1
3
46
7
9
A
B
7
9
A
B
2
5
INPUT
(DC POLARITY INDICATED) **
+
-
Fig. 1
Fig. 2
1
4
3
6
INPUT
(DC DC POLARITY INDICATED) **
External Resistor Selection Chart
See External Resistor Selection Charts at beginning of Time Delay Relay section of this Databook.
** Note: Input polarity for DC operation. For most reliable operation on AC, connect high side to “+” and low side to “–”.


Similar Part No. - CUA-42-70010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CUA-42-70010 MACOM-CUA-42-70010 Datasheet
51Kb / 2P
   Compact Time Delay Relay
More results

Similar Description - CUA-42-70010

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
VTM-1 TEC-VTM-1 Datasheet
171Kb / 1P
   n On-delay timing mode
logo
List of Unclassifed Man...
A108024600 ETC2-A108024600 Datasheet
72Kb / 3P
   Timers Delay on Operate
EASSM2310M ETC2-EASSM2310M Datasheet
62Kb / 2P
   Timers Delay on Operate
DAA51CM24 ETC2-DAA51CM24 Datasheet
90Kb / 2P
   Timers Delay on Operate
logo
Carlo Gavazzi Holding A...
DAA51 CARLOGAVAZZI-DAA51 Datasheet
90Kb / 2P
   Timers Delay on Operate
logo
Tyco Electronics
2401-1A-1102 MACOM-2401-1A-1102 Datasheet
74Kb / 1P
   2400 Series Delay On Operate Timer Fixed Timing, Relay Output
logo
List of Unclassifed Man...
EAACT2310H ETC2-EAACT2310H Datasheet
49Kb / 2P
   Timers Delay on Operate
logo
Tyco Electronics
6001-6002C MACOM-6001-6002C Datasheet
60Kb / 1P
   6001 Series Delay On Operate Digital Timing Module Fixed Timing, Solid State Output
logo
List of Unclassifed Man...
DAA01CM24 ETC2-DAA01CM24 Datasheet
68Kb / 3P
   Timers Delay on Operate
FAA01DM24 ETC2-FAA01DM24 Datasheet
71Kb / 3P
   Timers Delay on Operate
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com