Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8-1393149-9 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 8-1393149-9
Description  Plug-in version, PCB terminals, chassis- or DIN-rail mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

8-1393149-9 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  8-1393149-9 Datasheet HTML 1Page - TE Connectivity Ltd 8-1393149-9 Datasheet HTML 2Page - TE Connectivity Ltd 8-1393149-9 Datasheet HTML 3Page - TE Connectivity Ltd 8-1393149-9 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
Industrial Relays
Power Relay RM 2/3/7 (Continued)
Other Data
RM2
RM3
RM7
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
for mounting/handling
-20 to 40°C
in operation
DC coil
-40 to 70°C -40 to 70°C -40 to 60°C
AC coil
-40 to 60°C -40 to 55°C -40 to 50°C
Cold storage, IEC 60068-2-1
16h/-40°C
Dry heat, IEC 60068-2-2
16h/+85°C
Damp heat cyclic, IEC 60068-2-30, Db, Variant 112/12h +25/+55°C
Category of environmental protection
IEC 61810
RTI - dust protected
Vibration resistance (functional)
form A (NO)/form B (NC)
5/2g
5/2g
12/4g
Terminal type
PCB-THT, plug-in,
quick-connect
Cover retention, pull/push force
100/100N
Weight
81g
Resistance to soldering heat THT
IEC 60068-2-20
270°C/10s
Packaging unit
10/25 pcs.
Accessories
For details see datasheet
Accessories Power Relay RM
Note: indicated contact ratings and electrical endurance data for direct
wiring of relays (according IEC 61810-1); for relays mounted on sockets
deratings may apply.
Coil Data (continued)
Coil versions, AC coil
Coil code
Rated
Operate
Release
Coil
Rated coil
STD
LED
voltage
voltage
voltage
resistance
power
50/60Hz
50/60Hz
50/60Hz
VAC
VAC
VAC
Ω±10%1)2)
VA
Coil versions, AC-coil, RM2, RM3
506
R06
6
4.8/5.1
1.8
5.3
2.29/1.98
512
R12
12
9.6/10.2
3.6
24
2.19/1.86
524
R24
24
19.2/20.4
7.2
86
2.26/ 1.95
548
R48
48
38.4/40.8
14.4
345
2.28/1.97
560
R60
60
48.0/51.0
18.0
544
2.27/1.96
615
S15
115
92.0/97.8
34.5
2000
2.37/2.00
730
T30
230
184.0/195.5
69.0
83001)
2.32/ 1.96
900
V00
400
320.0/340.0 120.0
275002)
2.31/1.96
Coil versions, AC-coil, RM7
506
R06
6
4.8/5.1
1.8
4.7
2.86/2.36
512
R12
12
9.6/10.2
3.6
19.5
2.71/2.27
524
R24
24
19.2/20.4
7.2
80
2.62/2.00
548
R48
48
38.4/40.8
14.4
320
2.60/2.17
560
R60
60
48.0/51.0
18.0
500
2.62/2.20
615
S15
115
92.0/97.8
34.5
1850
2.65/2.22
730
T30
230
184.0/195.5
69.0
7500
2.69/ 2.26
900
V00
400
320.0/340.0 120.0
235002)
2.61/2.20
1) Coil resistance ±12%, 2) Coil resistance ±15%
All figures are given for coil without pre-energization, at ambient temperature +23°C
Insulation Data
RM2
RM3
RM7
Initial dielectric strength
between open contacts
1500Vrms
1500Vrms
1500Vrms
between contact and coil
2500Vrms
2500Vrms
2500Vrms
between adjacent contacts
2500Vrms
2500Vrms
2500Vrms
Initial surge withstand voltage
between contact and coil
5000V
4000V
4000V
Clearance/creepage
between contact and coil
≥4.0/14.9mm
between adjacent contacts
≥6.1/7.3mm
Material group of insulation parts
IIIa
PCB layout / terminal assignment
Bottom view on pins
3 form C (CO) contacts
2 form C (CO) contacts
S0269-AA
S0269-AB
S0269-AD


Similar Part No. - 8-1393149-9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8-1393149-9 TEC-8-1393149-9 Datasheet
333Kb / 4P
   Mechanical indicator
More results

Similar Description - 8-1393149-9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RM5 TEC-RM5 Datasheet
377Kb / 4P
   Plug-in version, PCB terminals, chassis or DIN rail mount
RM-8 TEC-RM-8 Datasheet
293Kb / 3P
   Chassis or DIN rail mount
V23134-A0052-C643 TEC-V23134-A0052-C643 Datasheet
481Kb / 4P
   Plug-in or PCB terminals
logo
Altech corporation
WMRBU ALTECH-WMRBU Datasheet
304Kb / 2P
   DIN Rail, Panel Mount or Wall Mount
logo
Vicor Corporation
AIM1714XB6MC7D5YZZ VICOR-AIM1714XB6MC7D5YZZ Datasheet
319Kb / 14P
   Chassis Mount or PCB Mount Form Factor
logo
Ningbo Tianbo Ganglian ...
TRV6 TIANBO-TRV6 Datasheet
976Kb / 3P
   plug-in or pc board terminals
logo
List of Unclassifed Man...
SRN4-C ETC2-SRN4-C Datasheet
135Kb / 2P
   Panel mount or 35mm Din Rail (EN50022)
logo
TE Connectivity Ltd
KUKUP TEC-KUKUP Datasheet
1Mb / 5P
   Sockets available for panel, DIN rail or PCB mounting
logo
Schurter Inc.
4850.2610 SCHURTER-4850.2610_V02 Datasheet
235Kb / 2P
   , 6-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2810 SCHURTER-4850.2810_V02 Datasheet
235Kb / 2P
   , 8-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com