Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5-1393117-5 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 5-1393117-5
Description  Sockets available for panel, DIN rail or PCB mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5-1393117-5 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  5-1393117-5 Datasheet HTML 1Page - TE Connectivity Ltd 5-1393117-5 Datasheet HTML 2Page - TE Connectivity Ltd 5-1393117-5 Datasheet HTML 3Page - TE Connectivity Ltd 5-1393117-5 Datasheet HTML 4Page - TE Connectivity Ltd 5-1393117-5 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Purpose Relays
Industrial Relays
KUP Series Panel Plug-in Relay
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
AgCdO, 4 pole (continued)
1/3HP, 120VAC
1/2HP, 250VAC
Total load not to exceed 30 A, 28 VDC, 120 VAC and 20 A, 250 VAC
AgSnOInO
10A, 277VAC, pf = 0.8
100x103
Mechanical endurance
10x106 ops.
Coil Data
Coil voltage range
5 to 110VDC
6 to 240VAC
Coil insulation system according UL
Class B
Coil versions, DC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VDC
VDC
Ω±10%
W
1, 2 and 3 pole
5
5
3.75
21
1.2
6
6
4.5
32.1
1.125
12
12
9.0
120
1.2
24
24
18.0
472
1.25
48
48
36.0
1800
1.3
110
110
82.5
10000
1.25
4 pole
5
5
3.75
14
1.8
6
6
4.5
20
1.8
12
12
9.0
80
1.8
24
24
18.0
320
1.8
48
48
36.0
1250
1.85
110
110
82.5
6720
1.8
All figures are given for coil without preenergization, at ambient temperature +23°C.
Coil versions, AC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VAC
VAC
Ω±15%
VA
1 and 2 pole
6
6
5.1
6
2.0
12
12
10.2
24
2.0
24
24
20.4
85
2.0
120
120
102.0
2250
2.1
240
240
204.0
9110
2.1
3 and 4 pole
6
6
5.1
4.2
2.8
12
12
10.2
18
2.8
24
24
20.4
72
2.8
120
120
102.0
1700
2.9
240
240
204.0
7200
2.9
All figures are given for coil without preenergization, at ambient temperature +23°C.
n
AC coils: 5-240VAC, 50/60 Hz.; DC coils 6-110VDC
n
Contact arrangements of 1 form X, 1-3 form A and 1-4 form C
n
Wide selection of termination and mounting styles
n
PC terminals available
n
Push-to-test button and indicator lamp options
n
Sockets available for panel, DIN rail or PCB mounting
n
Class B coil insulation
Typical applications
Vending, commercial sewing, tool/die equipment, robotics, timers, welding,
HVAC, medical, power generators
Approvals
UL E22575; CSA LR15734
Technical data of approved types on request
Contact Data
Contact arrangement
1 Form X (NO-DM); 1-3 Form A (NO); 1-4 Form C (CO)
Rated voltage
240VAC
Rated current
10A
Contact material
Ag
AgCdO
AgSnOInO
Min. recommended contact load 100mA, 12VDC 300mA, 12VDC 300mA, 12VDC
Frequency of operation
360 ops./hr 360 ops./hr 360 ops./hr
Operate/releases time max.
15/10ms
Bounce time max.
17ms
Contact ratings
Type
Load
Cycles
UL 508
Ag, 1, 2 and 3 pole
5A, 240VAC
5A, 28VDC
1/6HP, 120VAC
2.5A, 120VAC, tungsten
1/3HP, 240VAC
0.5A, 120VDC
5FLA, 15LRA, 250VAC
Ag, 4 pole
5A, 240VAC
2.5A, 120VAC, tungsten
0.5A, 120VDC
1/6HP, 120VAC
1/3HP, 240VAC
AgCdO, 1, 2 and 3 pole
10A, 240VAC
10A, 32VDC
5FLA, 15LRA, 250VAC
1/3HP, 120VAC
5A, 120VAC, tungsten
1/2HP, 250VAC
0.5A, 125VDC
10FLA, 40LRA, 125VAC
3A, 600VAC
1/2HP, 480VAC
1/2HP, 600VAC
1HP, 480 VAC, 3 phase
AgCdO, 4 pole
10A, 240VAC
5A, 120VAC, tungsten
0.5A, 120VDC
10A, 28VDC, resistive
10FLA, 30LRA, 125VAC
5FLA, 15LRA, 250 VAC
30x103
125VA, 250 VAC


Similar Part No. - 5-1393117-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5-1393117-5 TEC-5-1393117-5 Datasheet
1Mb / 5P
   Wide selection of termination and mounting styles
More results

Similar Description - 5-1393117-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMXXBP0800 ETC-BMXXBP0800 Datasheet
72Kb / 1P
   panel, plate or DIN rail mounting
BMXXBP1200 ETC-BMXXBP1200 Datasheet
67Kb / 1P
   panel, plate or DIN rail mounting
logo
Schneider Electric
BMXXBP0600 SCHNEIDER-BMXXBP0600 Datasheet
105Kb / 5P
   rack M340 - 6 slots - panel, plate or DIN rail mounting
Aug 10, 2019
BMXXBP0400 SCHNEIDER-BMXXBP0400 Datasheet
106Kb / 5P
   rack M340 - 4 slots - panel, plate or DIN rail mounting
Aug 11, 2019
BMXXBP0600H SCHNEIDER-BMXXBP0600H Datasheet
105Kb / 5P
   ruggedized rack M340 - 6 slots - panel, plate or DIN rail mounting
Aug 11, 2019
BMXXBP0800H SCHNEIDER-BMXXBP0800H Datasheet
104Kb / 5P
   ruggedized rack M340 - 8 slots - panel, plate or DIN rail mounting
Aug 10, 2019
BMXXBP0400H SCHNEIDER-BMXXBP0400H Datasheet
106Kb / 5P
   ruggedized rack M340 - 4 slots - panel, plate or DIN rail mounting
Aug 10, 2019
logo
Pepperl+Fuchs Inc.
UPR-INS-03 PF-UPR-INS-03 Datasheet
432Kb / 2P
   Insert for DIN Mounting Rail
2020-09-23
UPR-COVER PF-UPR-COVER Datasheet
366Kb / 2P
   Cover for DIN Mounting Rail
2021-04-08
POWERBUS-COV.250 PF-POWERBUS-COV.250 Datasheet
361Kb / 2P
   Cover for DIN Mounting Rail
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com