Electronic Components Datasheet Search |
|
DS1340C-18 Datasheet(PDF) 10 Page - Maxim Integrated Products |
|
DS1340C-18 Datasheet(HTML) 10 Page - Maxim Integrated Products |
10 / 13 page Bits 6 to 0: All other bits in the flag register read as 0 and cannot be written. Clock Calibration The DS1340 provides a digital clock calibration feature to allow compensation for crystal and temperature vari- ations. The calibration circuit adds or subtracts counts from the oscillator divider chain at the divide-by-256 stage. The number of pulses blanked (subtracted for negative calibration) or inserted (added for positive cal- ibration) depends upon the value loaded into the five calibration bits (CAL4–CAL0) located in the control reg- ister. Adding counts speeds the clock up and subtract- ing counts slows the clock down. The calibration bits can be set to any value between 0 and 31 in binary form. Bit 5 of the control register, S, is the sign bit. A value of 1 for the S bit indicates positive calibration, while a value of 0 represents negative cali- bration. Calibration occurs within a 64-minute cycle. The first 62 minutes in the cycle can, once per minute, have a one-second interval where the calibration is per- formed. Negative calibration blanks 128 cycles of the 32,768Hz oscillator, slowing the clock down. Positive calibration inserts 256 cycles of the 32,768Hz oscillator, speeding the clock up. If a binary 1 is loaded into the calibration bits, only the first two minutes in the 64- minute cycle are modified. If a binary 6 is loaded, the first 12 minutes are affected, and so on. Therefore, each calibration step either adds 512 or subtracts 256 oscillator cycles for every 125,829,120 actual 32,678Hz oscillator cycles (64 minutes). This equates to +4.068ppm or -2.034ppm of adjustment per calibration step. If the oscillator runs at exactly 32,768Hz, each of the 31 increments of the calibration bits would repre- sent +10.7 or -5.35 seconds per month, corresponding to +5.5 or -2.75 minutes per month. For example, if using the FT function, a reading of 512.01024Hz would indicate a +20ppm oscillator fre- quency error, requiring a -10(00 1010) value to be loaded in the S bit and the five calibration bits. Note: Setting the calibration bits does not affect the fre- quency test output frequency. Also note that writing to the control register resets the divider chain. I2C Serial Data Bus The DS1340 supports a bidirectional I2C bus and data transmission protocol. A device that sends data onto the bus is defined as a transmitter and a device receiv- ing data as a receiver. The device that controls the message is called a master. The devices that are con- trolled by the master are slaves. A master device that generates the serial clock (SCL), controls the bus access, and generates the START and STOP condi- tions must control the bus. The DS1340 operates as a slave on the I2C bus. Connections to the bus are made through the open-drain I/O lines SDA and SCL. Within the bus specifications a standard mode (100kHz max clock rate) and a fast mode (400kHz max clock rate) are defined. The DS1340 works in both modes. The following bus protocol has been defined (Figure 7): • Data transfer can be initiated only when the bus is not busy. • During data transfer, the data line must remain stable whenever the clock line is high. Changes in the data line while the clock line is high are inter- preted as control signals. I2C RTC with Trickle Charger 10 ____________________________________________________________________ STOP CONDITION OR REPEATED START CONDITION REPEATED IF MORE BYTES ARE TRANSFERED ACK START CONDITION ACK ACKNOWLEDGEMENT SIGNAL FROM RECEIVER ACKNOWLEDGEMENT SIGNAL FROM RECEIVER SLAVE ADDRESS MSB SCL SDA R/W DIRECTION BIT 12 6 7 8 9 1 2 8 9 3–7 Figure 7. I2C Data Transfer Overview |
Similar Part No. - DS1340C-18 |
|
Similar Description - DS1340C-18 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |