Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3909N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3909N
Description  LM3909 LED Flasher/Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3909N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3909N Datasheet HTML 1Page - National Semiconductor (TI) LM3909N Datasheet HTML 2Page - National Semiconductor (TI) LM3909N Datasheet HTML 3Page - National Semiconductor (TI) LM3909N Datasheet HTML 4Page - National Semiconductor (TI) LM3909N Datasheet HTML 5Page - National Semiconductor (TI) LM3909N Datasheet HTML 6Page - National Semiconductor (TI) LM3909N Datasheet HTML 7Page - National Semiconductor (TI) LM3909N Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH7969
February 1995
LM3909 LED FlasherOscillator
General Description
The LM3909 is a monolithic oscillator specifically designed
to flash Light Emitting Diodes By using the timing capacitor
for voltage boost it delivers pulses of 2 or more volts to the
LED while operating on a supply of 15V or less The circuit
is inherently self-starting and requires addition of only a bat-
tery and capacitor to function as an LED flasher
Packaged in an 8-lead plastic mini-DIP the LM3909 will op-
erate over the extended consumer temperature range of
b
25 Cto a70 C It has been optimized for low power drain
and operation from weak batteries so that continuous oper-
ation life exceeds that expected from battery rating
Application is made simple by inclusion of internal timing
resistors and an internal LED current limit resistor As
shown in the first two application circuits the timing resis-
tors supplied are optimized for nominal flashing rates and
minimum power drain at 15V and 3V
Timing capacitors will generally be of the electrolytic type
and a small 3V rated part will be suitable for any LED flasher
using a supply up to 6V However when picking flash rates
it should be remembered that some electrolytics have very
broad capacitance tolerances
for example b20% to
a
100%
Features
Y
Operation over one year from one C size flashlight cell
Y
Bright high current LED pulse
Y
Minimum external parts
Y
Low cost
Y
Low voltage operation from just over 1V to 5V
Y
Low current drain averages under 05 mA during
battery life
Y
Powerful as an oscillator directly drives an 8X speaker
Y
Wide temperature range
Applications
Y
Finding flashlights in the dark or locating boat mooring
floats
Y
Sales and advertising gimmicks
Y
Emergency locators for instance on fire extinguishers
Y
Toys and novelties
Y
Electronic applications such as trigger and sawtooth
generators
Y
Siren for toy fire engine (combined oscillator speaker
driver)
Y
Warning indicators powered by 14V to 200V
Schematic Diagram
Typical 15V Flasher
TLH7969 – 1
Connection Diagram
Dual-In-Line Package
TLH7969 – 2
Top View
Order Number LM3909N
See NS Package Number N08E
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM3909N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM390 NSC-LM390 Datasheet
162Kb / 6P
   LM390 1W Battery Operated Audio Power Amplifier
logo
Motorola, Inc
LM3900 MOTOROLA-LM3900 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM3900 TI-LM3900 Datasheet
618Kb / 16P
[Old version datasheet]   QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
LM3900 TI-LM3900 Datasheet
618Kb / 16P
[Old version datasheet]   QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
LM3900 TI1-LM3900 Datasheet
491Kb / 26P
[Old version datasheet]   Quad Amplifiers
More results

Similar Description - LM3909N

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE876 NTE-NTE876 Datasheet
26Kb / 2P
   Linear Integrated Circuit LED Flasher/Oscillator
logo
BOWIN ELECTRONIC CO.
M34-2L BOWIN-M34-2L Datasheet
21Kb / 2P
   SINGLE OUTPUT LED FLASHER IC
M34-8L BOWIN-M34-8L Datasheet
21Kb / 2P
   SINGLE OUTPUT LED FLASHER IC
M34-4L BOWIN-M34-4L Datasheet
21Kb / 2P
   SINGLE OUTPUT LED FLASHER IC
logo
Hongfa Technology
JA3501 HONGFA-JA3501 Datasheet
36Kb / 1P
   FLASHER
HF3506 HONGFA-HF3506 Datasheet
58Kb / 3P
   FLASHER
HF3501 HONGFA-HF3501 Datasheet
63Kb / 3P
   flasher
HF3506 HONGFA-HF3506 Datasheet
57Kb / 3P
   FLASHER
JA3501A HONGFA-JA3501A Datasheet
36Kb / 1P
   FLASHER
JA3508 HONGFA-JA3508 Datasheet
38Kb / 1P
   FLASHER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com