Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1393114-4 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 2-1393114-4
Description  KUIP 8mm coil-to-contact spacing and KUGP 3mm contact gap
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-1393114-4 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  2-1393114-4 Datasheet HTML 1Page - TE Connectivity Ltd 2-1393114-4 Datasheet HTML 2Page - TE Connectivity Ltd 2-1393114-4 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Relays
Industrial Relays
KUIP/KUGP Series Panel Plug-in Relay
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
Coil versions, DC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VDC
VDC
Ω±10%
W
KUIP
5
5
3.75
21
1.2
6
6
4.5
32.1
1.125
12
12
9.0
120
1.2
24
24
18.0
472
1.25
48
48
36.0
1800
1.3
110
110
82.5
10000
1.25
KUGP
5
5
3.75
14
1.8
6
6
4.5
20
1.8
12
12
9.0
80
1.8
24
24
18.0
320
1.8
48
48
36.0
1250
1.85
110
110
82.5
6720
1.8
All figures are given for coil without preenergization, at ambient temperature +23°C.
Coil versions, AC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VAC
VAC
Ω±15%
VA
KUIP 1 and 2 pole
6
6
5.1
6
2.0
12
12
10.2
24
2.0
24
24
20.4
85
2.0
120
120
102.0
2250
2.1
240
240
204.0
9110
2.1
KUIP 3 pole, KUGP
6
6
5.1
4.2
2.8
12
12
10.2
18
2.8
24
24
20.4
72
2.8
120
120
102.0
1700
2.9
240
240
204.0
7200
2.9
All figures are given for coil without preenergization, at ambient temperature +23°C.
Insulation Data
KUIP
KUGP
Initial dielectric strength
between open contacts
1200Vrms
3500Vrms
between contact and coil
2200Vrms
3750Vrms
between adjacent contacts
2200Vrms
3750Vrms
Initial insulation resistance
between insulated elements
100MΩ, 500VDC
n
10 amp rated relays
n
2 Form A (NO) and 1-3 Form C (CO) contact arrangement
n
KUIP 8mm coil-to-contact spacing and KUGP 3mm contact gap
n
Various mounting and socket styles
Typical applications
Voltage control units
Approvals
UL E22575; CSA LR15734
Technical data of approved types on request
Contact Data
Contact arrangement
KUGP:
2 form A (NO); 3 form A (NO)
KUIP:
1 form C (CO), 2 form A (NO), 2 form C (CO), 3 form C (CO)
Rated voltage
240VAC
Rated current
10A
Contact material
Ag
AgCdO
Min recommended contact load
100mA, 12VDC
300mA, 12VDC
Frequency of operation
360 ops./hour
360 ops./hour
Operate/releases time max.
20/15ms
Bounce time max.
20ms
Contact ratings
Type
Load
Cycles
UL 508
Ag
5A, 240VAC
5A, 28VDC
1/6HP, 120VAC
2.5A, 120VAC, tungsten
1/3HP, 240VAC
0.5A, 120VDC
5FLA, 15LRA, 250VAC
AgCdO
10A, 240VAC
10A, 32VDC
5FLA, 15LRA, 250VAC
1/3HP, 120VAC
5A, 120VAC, tungsten
1/2HP, 250VAC
0.5A, 125VDC
10FLA, 40LRA, 125VAC
3A, 600VAC
1/2HP, 480VAC
1/2HP, 600VAC
1HP, 480VAC, 3 phase
Mechanical endurance
10x106 ops.
Coil Data
Coil voltage range
6 to 110VDC
6 to 240VAC
Coil insulation system according UL
Class B


Similar Part No. - 2-1393114-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393114-4 MACOM-2-1393114-4 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
2-1393114-4 TEC-2-1393114-4 Datasheet
617Kb / 3P
   KUIP 8mm coil-to-contact spacing and KUGP 3mm contact gap
More results

Similar Description - 2-1393114-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KUIP-KUGP TEC-KUIP-KUGP Datasheet
617Kb / 3P
   KUIP 8mm coil-to-contact spacing and KUGP 3mm contact gap
430 TEC-430 Datasheet
473Kb / 3P
   4kV/8mm coil-contact, reinforced insulation
logo
Tyco Electronics
KUGP-7D55-24 MACOM-KUGP-7D55-24 Datasheet
617Kb / 3P
   KUIP/KUGP Series Panel Plug-in Relay
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2_10 Datasheet
840Kb / 8P
   SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap
logo
HARTING Technology Grou...
09-14-000-6358 HARTING-09-14-000-6358 Datasheet
476Kb / 2P
   Pneum. contact metal OD 8mm, male
09-14-000-6408 HARTING-09-14-000-6408 Datasheet
464Kb / 2P
   Pneum. contact metal ID 8mm, female
logo
TE Connectivity Ltd
RTH TEC-RTH Datasheet
283Kb / 2P
   5kV/10mm coil-contact
logo
HARTING Technology Grou...
09-14-000-6308 HARTING-09-14-000-6308 Datasheet
465Kb / 2P
   Pneum. contact metal ID 8mm, male
09-14-000-6458 HARTING-09-14-000-6458 Datasheet
471Kb / 2P
   Pneum. contact metal OD 8mm, female
2021-10-01
logo
TE Connectivity Ltd
C-SRK-PC-080-1635-XX TEC-C-SRK-PC-080-1635-XX Datasheet
145Kb / 1P
   CONTACT, SOCKET 8mm DIA SRK SERIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com