Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1393144-3 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 3-1393144-3
Description  Socket, PCB and top flange mounting options
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393144-3 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  3-1393144-3 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393144-3 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393144-3 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
General Purpose Relays
Industrial Relays
K10 Series Miniature Relay (Continued)
04-2013, Rev. 0413
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
Product Code Arrangement Cont. material
Coil
Coil
Terminals
Mounting
Part number
K10P-11A15-6
2 form C, 2 CO
AgCdO
AC coil
6VAC
Quick connect (QC)
Socket
4-1393144-4
K10P-11A15-12
12VAC
3-1393144-9
K10P-11A15-24
24VAC
4-1393144-1
K10P-11AT5-24
Bracket
3-1393144-5
K10P-11A15-120
120VAC
Socket
4-1393144-0
K10P-11AT5-120
Bracket
3-1393144-3
K10P-11D15-6
DC coil
6VDC
Socket
6-1393144-0
K10P-11D15-12
12VDC
5-1393144-5
K10P-11DT5-12
Bracket
5-1393144-0
K10P-11D15-24
24VDC
Socket
5-1393144-7
K10P-11DT5-24
Bracket
5-1393144-1
K10P-11D15-48
48VDC
Socket
5-1393144-9
K10P-11D15-110
110VDC
5-1393144-4
K10P-11D55-12
12VDC
PCB
PCB
6-1393144-6
K10P-11D55-24
24VDC
6-1393144-8
K10P-11D55-110
110VDC
6-1393144-5


Similar Part No. - 3-1393144-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1393144-3 MACOM-3-1393144-3 Datasheet
172Kb / 3P
   K10 Series Miniature Relay
More results

Similar Description - 3-1393144-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KUHP TEC-KUHP Datasheet
317Kb / 3P
   Side flange and top flange mounting
logo
Bourns Electronic Solut...
H-65P-3 BOURNS-H-65P-3 Datasheet
292Kb / 5P
   TRIMPOT짰 POTENTIOMETER PANEL MOUNTING OPTIONS AND HARDWARE
logo
Pepperl+Fuchs Inc.
BF-L2 PF-BF-L2 Datasheet
1Mb / 1P
   Mounting flange
BF-L3M PF-BF-L3M Datasheet
736Kb / 1P
   Mounting flange
logo
Adam Technologies, Inc.
PLF-11A1-6A-Q ADAM-TECH-PLF-11A1-6A-Q Datasheet
326Kb / 2P
   EMIRF POWER FILTER, INLET SOCKET, W/FLANGE MOUNTING
Rev. B
logo
Pepperl+Fuchs Inc.
BF30-F PF-BF30-F Datasheet
890Kb / 2P
   Mounting flange
BF4 PF-BF4 Datasheet
510Kb / 1P
   Mounting flange
BF11 PF-BF11 Datasheet
368Kb / 1P
   Mounting flange
BF18-F PF-BF18-F Datasheet
735Kb / 2P
   Mounting flange
logo
Glenair, Inc.
M85049-95-3A-A GLENAIR-M85049-95-3A-A Datasheet
190Kb / 1P
   Mounting Flange
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com